Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM2815T/EM Datasheet (PDF) - International Rectifier

ARM2815T/EM Datasheet PDF - International Rectifier
Part # ARM2815T/EM
Download  ARM2815T/EM Download
File Size   132.49 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER

ARM2815T/EM Datasheet (PDF)

Go To PDF Page Download Datasheet
ARM2815T/EM Datasheet PDF - International Rectifier

Part # ARM2815T/EM
Download  ARM2815T/EM Click to download

File Size   132.49 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER

ARM2815T/EM Datasheet (HTML) - International Rectifier


ARM2815T/EM Product details

Description
The ARM Series of three output DC/DC converters are designed specifically for use in the high-dose radiation environments encountered during deep space planetary missions. The extremely high level of radiation tolerance inherent in the ARM design is assured as a result of extensive research, thorough analysis and testing, careful selection of components and lot verification testing of finished hybrids. Many of the best circuit design features characterizing earlier International Rectifier products have been incorporated into the ARM topology. Capable of uniformly high performance through long term exposures in radiation intense environments, this series sets the standard for distributed power systems demanding high performance and reliability.

Features
■ Total Dose > 1MRad (Si)
■ SEE Hardened to LET up to 83 Mev.cm2/mg
■ Derated per MIL-STD-975 & MIL-STD-1547
■ Output Power Range 3 to 30 Watts
■ 19 to 50 Volt Input Range
■ Input Undervoltage Lockout
■ High Electrical Efficiency > 80%
■ Full Performance from -55°C to +125°C
■ Continuous Short Circuit Protection
■ 12.8 W / in3 Output Power Density
■ True Hermetic Package
■ External Inhibit Port
■ Externally Synchronizable
■ Fault Tolerant Design
■ 5V, ±12V or 5V, ±15V Outputs Available




Similar Part No. - ARM2815T/EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARM2815T IRF-ARM2815T Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2815T IRF-ARM2815T Datasheet
461Kb / 14P
HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
ARM2815TCK IRF-ARM2815TCK Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2815TEM IRF-ARM2815TEM Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
More results


Similar Description - ARM2815T/EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARM2815TCK IRF-ARM2815TCK Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ARM2800T IRF-ARM2800T_15 Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ARM2815T IRF-ARM2815T Datasheet
461Kb / 14P
HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com