Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM2815T/EM Datasheet(PDF) 3 Page - International Rectifier

Part # ARM2815T/EM
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2815T/EM Datasheet(HTML) 3 Page - International Rectifier

  ARM2815T/EM Datasheet HTML 1Page - International Rectifier ARM2815T/EM Datasheet HTML 2Page - International Rectifier ARM2815T/EM Datasheet HTML 3Page - International Rectifier ARM2815T/EM Datasheet HTML 4Page - International Rectifier ARM2815T/EM Datasheet HTML 5Page - International Rectifier ARM2815T/EM Datasheet HTML 6Page - International Rectifier ARM2815T/EM Datasheet HTML 7Page - International Rectifier ARM2815T/EM Datasheet HTML 8Page - International Rectifier ARM2815T/EM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.irf.com
3
ARM28XXT Series
Electrical Performance (Continued)
Notes to Specifications Table
Parameter
Symbol
Conditions
Min
Max
Units
Enable Input
open circuit voltage
drive current (sink)
voltage range
19 Vdc< VIN < 50Vdc
3.0
0.1
-0.5
5.0
50.0
V
mA
V
Synchronization Input
frequency range
pulse high level
pulse low level
pulse rise time
pulse duty cycle
External clock signal on Sync. input (pin 4)
225
4.5
-0.5
40
20
310
10.0
0.25
80
KHz
V
V
V/
µs
%
Power dissipation, load fault
PD
Short circuit, any output
7.5
W
Output response to step load
changes Notes 7, 11
VTLD
10% Load to/from 50% load
50% Load to/from 100% load
-200
-200
200
200
mVPK
Recovery time from step load
changes Notes 11, 12
TTLD
10% Load to/from 50% load
50% Load to/from 100% load
200
200
µs
Output response to step line
changes Notes 10, 11
VTLN
IOUT = 3000 mAdc
(main)
VIN = 19 V to/from 50 V
IOUT = ±500 mAdc
(dual)
-350
-1050
350
1050
mVPK
Recovery time from step line
changes Notes 10, 11,13
TTLN
IOUT = 3000 mAdc
(main)
VIN = 19 V to/from 50 V
IOUT = ±500 mAdc
(dual)
500
500
µs
Turn on overshoot
VOS
(main)
IOUT = minimum and full rated
(dual)
500
1500
mV
Turn on delay Note 14
TDLY
IOUT = minimum and full rated
5.0
20
ms
Capacitive load Notes 9, 10
CL
(main)
No effect on DC performance
(dual)
500
100
µF
Isolation
ISO
500VDC Input to Output or any pin to case
(except pin 12)
100
M
Ω
1.
Operation outside absolute maximum/minimum limits may cause permanent damage to the device. Extended operation at the limits may permanently
degrade performance and affect reliability.
2.
Device performance specified in Electrical Performance table is guaranteed when operated within recommended limits. Operation outside
recommended limits is not specified.
3.
Parameter measured from 28V to 19 V or to 50V while loads remain fixed.
4.
Parameter measured from nominal to minimum or maximum load conditions while line remains fixed.
5.
Up to 750 mA is available from the dual outputs provided the total output power does not exceed 30W.
6.
Guaranteed for a bandwidth of DC to 20MHz. Tested using a 20KHz to 2MHz bandwidth.
7.
Load current is stepped for output under test while other outputs are fixed at half rated load.
8.
Load current is fixed for output under test while other output loads are varied for any combination of minimum to maximum.
9.
A capacitive load of any value from 0 to the specified maximum is permitted without comprise to DC performance. A capacitive load in excess of the
maximum limit may interfere with the proper operation of the converter’s short circuit protection, causing erratic behavior during turn on.
10.
Parameter is tested as part of design characterization or after design or process changes. Thereafter, parameters shall be guaranteed to the limits
specified in the table.
11.
Load transient rate of change, di/dt
≤ 2 A/µSec.
12.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of its steady state value.
13.
Line transient rate of change, dv/dt
≤ 50 V/µSec.
14.
Turn on delay time is for either a step application of input power or a logical low to high transition on the enable pin (pin 3) while power is present at the
input.
2A/
µs
.
50V/
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com