Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32686A Datasheet (PDF) - EPCOS

B32686A Datasheet PDF - EPCOS
Part # B32686A
Download  B32686A Download
File Size   324.65 Kbytes
Page   18 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Metallized Polypropylene Film Capacitors (MFP)

B32686A Datasheet (PDF)

Go To PDF Page Download Datasheet
B32686A Datasheet PDF - EPCOS

Part # B32686A
Download  B32686A Click to download

File Size   324.65 Kbytes
Page   18 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Metallized Polypropylene Film Capacitors (MFP)

B32686A Datasheet (HTML) - EPCOS


B32686A Product details

Typical applications

Smoothing

Snubbering

High-frequency AC loads



Climatic

Max. operating temperature: 110 °C

Climatic category (IEC 60068-1): 55/100/56



Construction

Dielectric: polypropylene (PP)

Film metallized on one side and metal foils internally connected in series

Plastic case (UL 94 V-0)

Epoxy resin sealing (UL 94 V-0)



Features

Very high pulse strength

Highest possible contact reliability

Self-healing properties



Terminals

Parallel wire leads, lead-free tinned

Special lead lengths available on request




Similar Part No. - B32686A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32686A TDK-B32686A Datasheet
313Kb / 16P
Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
More results


Similar Description - B32686A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
Metallized Polypropylene Film Capacitors (MFP)
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
Metallized Polypropylene Film Capacitors (MFP)
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
Metallized Polypropylene Film Capacitors (MFP)
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
Metallized Polypropylene Film Capacitors (MFP)
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
Metallized Polypropylene Capacitors (MKP/MFP)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com