Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFY240C Datasheet (PDF) - International Rectifier

IRFY240C Datasheet PDF - International Rectifier
Part # IRFY240C
Download  IRFY240C Download
File Size   219.81 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET THRU-HOLE (TO-257AA

IRFY240C Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFY240C Datasheet PDF - International Rectifier

Part # IRFY240C
Download  IRFY240C Click to download

File Size   219.81 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET THRU-HOLE (TO-257AA

IRFY240C Datasheet (HTML) - International Rectifier


IRFY240C Product details

PartNumber        RDS(on)      ID       Eyelets
IRFY240C          0.18 Ω      16A       Ceramic
IRFY240CM         0.18 Ω      16A       Ceramic

HEXFET® MOSFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.

Features:
● Simple Drive Requirements
● Ease of Paralleling
● Hermetically Sealed
● Electrically Isolated
● Ceramic Eyelets
● Ideally Suited For Space Level Applications




Similar Part No. - IRFY240C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY240C SEME-LAB-IRFY240C Datasheet
11Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO257AB Metal Package.
logo
International Rectifier
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
Simple Drive Requirements
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
IRFY240C IRF-IRFY240C_15 Datasheet
219Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFY240C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9140 IRF-IRFY9140 Datasheet
279Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9140C IRF-IRFY9140C Datasheet
257Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA
IRFY340SCX IRF-IRFY340SCX Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY130C IRF-IRFY130C Datasheet
167Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY440C IRF-IRFY440C Datasheet
189Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY440M IRF-IRFY440M Datasheet
135Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com