Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32671L_672L Datasheet (PDF) - EPCOS

B32671L_672L Datasheet PDF - EPCOS
Part # B32671L_672L
Download  B32671L_672L Download
File Size   552.21 Kbytes
Page   31 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors Metallized Polyester Film Capacitors (MKT)

B32671L_672L Datasheet (PDF)

Go To PDF Page Download Datasheet
B32671L_672L Datasheet PDF - EPCOS

Part # B32671L_672L
Download  B32671L_672L Click to download

File Size   552.21 Kbytes
Page   31 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors Metallized Polyester Film Capacitors (MKT)

B32671L_672L Datasheet (HTML) - EPCOS




Similar Part No. - B32671L_672L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L0622 EPCOS-B32671L0622 Datasheet
570Kb / 30P
Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L0622 EPCOS-B32671L0622 Datasheet
570Kb / 30P
Film Capacitors
B32671L0622 EPCOS-B32671L0622 Datasheet
570Kb / 30P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32671L0622 TDK-B32671L0622 Datasheet
863Kb / 39P
Metallized Polypropylene Film Capacitors
logo
EPCOS
B32671L0622 EPCOS-B32671L0622 Datasheet
912Kb / 39P
Film Capacitors
August 2019
More results


Similar Description - B32671L_672L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520 TDK-B32520 Datasheet
1Mb / 49P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32572 TDK-B32572 Datasheet
276Kb / 19P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com