Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6237 Datasheet (PDF) - Intersil Corporation

ISL6237 Datasheet PDF - Intersil Corporation
Part # ISL6237
Download  ISL6237 Download
File Size   2928.75 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers

ISL6237 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6237 Datasheet PDF - Intersil Corporation

Part # ISL6237
Download  ISL6237 Click to download

File Size   2928.75 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers

ISL6237 Datasheet (HTML) - Intersil Corporation


ISL6237 Product details

The ISL6237 dual step-down, switch-mode power-supply (SMPS) controller generates logic-supply voltages in battery-powered systems. The ISL6237 includes two pulse-width modulation (PWM) controllers, 5V/3.3V and 1.5V/1.05V. The output of SMPS1 can also be adjusted from 0.7V to 5.5V. The SMPS2 output can be adjusted from 0.5V to 2.5V by setting REFIN2 voltage. This device features a linear regulator providing 3.3V/5V, or adjustable from 0.7V to 4.5V output via LDOREFIN. The linear regulator provides up to 100mA output current with automatic linear-regulator bootstrapping to the BYP input. When in switchover, the LDO output can source up to 200mA. The ISL6237 includes on-board power-up sequencing, power-good (POK_) outputs, digital soft-start, and internal soft-stop output discharge that prevents negative voltages on shutdown.



Features

• Wide Input Voltage Range 5.5V to 25V

• Dual Fixed 1.05V/3.3V and 1.5V/5.0V Outputs or Adjustable 0.7V to 5.5V (SMPS1) and 0.5V to 2.5V (SMPS2), ±1.5% Accuracy

• 1.7ms Digital Soft-Start and Independent Shutdown

• Fixed 3.3V/5.0V, or Adjustable Output 0.7V to 4.5V, ±1.5% (LDO): 200mA

• 2.0V Reference Voltage

• Constant ON-TIME Control with 100ns Load-Step Response

• Selectable Switching Frequency

• rDS(ON)Current Sensing

• Programmable Current Limit with Foldback Capability

• Selectable PWM, Skip or Ultrasonic Mode

• BOOT Voltage Monitor with Automatic Refresh

• Independent POK1 and POK2 Comparators

• Soft-Start with Pre-Biased Output and Soft-Stop

• Independent ENABLE

• High Efficiency - Up to 97%

• Very High Light Load Efficiency (Skip Mode)

• 5mW Quiescent Power Dissipation

• Thermal Shutdown

• Extremely Low Components Count

• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6237

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237IRZ INTERSIL-ISL6237IRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Renesas Technology Corp
ISL6237IRZ RENESAS-ISL6237IRZ Datasheet
3Mb / 35P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237IRZ-T INTERSIL-ISL6237IRZ-T Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Renesas Technology Corp
ISL6237IRZ-T RENESAS-ISL6237IRZ-T Datasheet
3Mb / 35P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Similar Description - ISL6237

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
March 18, 2008
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com