Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6208 Datasheet (PDF) - Intersil Corporation

ISL6208 Datasheet PDF - Intersil Corporation
Part # ISL6208
Download  ISL6208 Download
File Size   1698.37 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage Synchronous Rectified Buck MOSFET Driver

ISL6208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6208 Datasheet PDF - Intersil Corporation

Part # ISL6208
Download  ISL6208 Click to download

File Size   1698.37 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage Synchronous Rectified Buck MOSFET Driver

ISL6208 Datasheet (HTML) - Intersil Corporation


ISL6208 Product details

The ISL6208 and ISL6208B are high frequency, dual MOSFET drivers, optimized to drive two N-Channel power MOSFETs in a synchronous-rectified buck converter topology. They are especially suited for mobile computing applications that require high efficiency and excellent thermal performance. These drivers, combined with an Intersil multiphase Buck PWM controller, form a complete single-stage core-voltage regulator solution for advanced mobile microprocessors.

Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Adaptive Shoot-Through Protection
• 0.5Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency up to 2MHz
    - Fast Output Rise And Fall Time
    - Low Propagation Delay
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 80µA)
• Diode Emulation for Enhanced Light Load Efficiency and Pre-Biased Start-Up Applications
• VCC POR (Power-On-Reset) Feature Integrated
• Low Three-State Shutdown Holdoff Time (Typical 160ns)
• Pin-to-Pin Compatible with ISL6207
• QFN and DFN Package:
    - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
        DFN - Dual Flat No Leads - Package Outline
    - Near Chip Scale Package Footprint, which Improves PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel® and AMD® Mobile Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Output Voltage DC/DC Converters
• High Input Voltage DC/DC Converters




Similar Part No. - ISL6208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 30, 2007
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
November 22, 2011
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
More results


Similar Description - ISL6208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
November 2001
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 30, 2007
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 23, 2007
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com