Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6314 Datasheet (PDF) - Intersil Corporation

ISL6314 Datasheet PDF - Intersil Corporation
Part # ISL6314
Download  ISL6314 Download
File Size   820.73 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications

ISL6314 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6314 Datasheet PDF - Intersil Corporation

Part # ISL6314
Download  ISL6314 Click to download

File Size   820.73 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications

ISL6314 Datasheet (HTML) - Intersil Corporation


ISL6314 Product details

Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications



The ISL6314 single-phase PWM control IC provides a precision voltage regulation system for advanced microprocessors. This controller IC maintains the same features as the multi-phase product family, but reduces the output to a single-phase, for lower current systems. By reducing the number of external parts, this integration is optimized for a cost and space saving power management solution.



Features

• Integrated-driver Single-Phase Power Conversion

• Precision Core Voltage Regulation

- Differential Remote Voltage Sensing

- ±0.5% System Accuracy Over-Temperature

- Adjustable Reference-Voltage Offset

• Optimal Transient Response

- Adaptive Phase Alignment (APA)

- Active Pulse Positioning (APP) Modulation

• Fully Differential, Continuous DCR Current Sensing

- Accurate Load Line Programming

• Variable Gate Drive Bias: 5V to 12V

• Multi-Processor Compatible

- Intel VR11 Mode of Operation

- AMD Mode of Operation

• Microprocessor Voltage Identification Inputs

- 8-Bit DAC

- Selectable Between Intel VR11, AMD 5-bit, and AMD 6-bit DAC Tables

- Dynamic VID Technology

• Overcurrent Protection

• Multi-tiered Overvoltage Protection

• Digital Soft-Start

• Selectable Operation Frequency up to 1.0MHz

• Pb-Free (RoHS compliant)



 




Similar Part No. - ISL6314

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
823Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
More results


Similar Description - ISL6314

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
March 5, 2007
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com