Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet (PDF) - Intersil Corporation

ISL97635A Datasheet PDF - Intersil Corporation
Part # ISL97635A
Download  ISL97635A Download
File Size   728.49 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SMBus 6-Channel LED Driver

ISL97635A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97635A Datasheet PDF - Intersil Corporation

Part # ISL97635A
Download  ISL97635A Click to download

File Size   728.49 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SMBus 6-Channel LED Driver

ISL97635A Datasheet (HTML) - Intersil Corporation


ISL97635A Product details

The ISL97635A is a digitally controlled LED driver that controls 6 channels of LED current for LCD backlight applications. The ISL97635A is capable of driving typically 54 (6x9) pieces of 3.5V/30mA or 60 (6x10) pieces of

3.2V/20mA LEDs. The ISL97635A contains 6 channels of voltage controlled current sources with typical currents matching of ±1%, which compensate for the non-uniformity effect of forward voltages variance in the LED stacks. To minimize the voltage headroom and power loss in the typical multi-strings operation, the ISL97635A features a dynamic headroom control that monitors the highest LED forward voltage string and uses its feedback signal for output regulation.



Features

• 6 Channels

• 6V to 24V Input

• 34.5V Output Max

• Drive Maximally 54 (3.5V/30mA each) or 60 (3.2V/20mA each) LEDs

• Current Matching ±1% Typ

• Dynamic Headroom Control

• Dimming Controls

- SMBus 8-Bit PWM Current Control

- SMbus 8-Bit DC Current Control

- External PWM Input up to 20kHz Dimming

- SMBus and External PWM DPST Dimming Control

- DC-to-PWM Dimming Control

• Protections

- String Open Circuit Detection

- String Short Circuit Detection with Selectable Thresholds

- Over-Temperature Protection

- Overvoltage Protection

- Input Overcurrent Protection with Disconnect Switch

• 600kHz/1.2MHz Selectable fSW

• Selectable Channels Allows Scrolling Backlight

• 24 Ld (4mmx4mm) QFN Package

• Pb-Free (RoHS Compliant)



Applications

• Notebook Displays WLED or RGB LED Backlighting

• LCD Monitor LED Backlighting

• Automotive Displays LED Backlighting

• Automotive or Traffic Lighting




Similar Part No. - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635AIRZ RENESAS-ISL97635AIRZ Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
More results


Similar Description - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
SMBus/I2C 8-Channel LED Driver
November 13, 2009
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
SMBus 8-Channel LED Driver
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
SMBus/I2C 8-Channel LED Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com