Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29006 Datasheet (PDF) - Intersil Corporation

ISL29006 Datasheet PDF - Intersil Corporation
Part # ISL29006
Download  ISL29006 Download
File Size   709.43 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Small, Low Power, Current-Output Ambient Light Photo Detect IC

ISL29006 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29006 Datasheet PDF - Intersil Corporation

Part # ISL29006
Download  ISL29006 Click to download

File Size   709.43 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Small, Low Power, Current-Output Ambient Light Photo Detect IC

ISL29006 Datasheet (HTML) - Intersil Corporation


ISL29006 Product details

Small, Low Power, Current-Output Ambient Light Photo Detect IC



The ISL29006, ISL29007, and ISL29008 are light-to-current silicon optical sensors combining a photodiode array and a current amplifier on a single monolithic IC. The photodiode’s spectral sensitivity approximates the human eye response peaking at 550nm with virtually no infrared (IR) response.



Features

• 0.5 lux to 10,000 lux range

• 1.8V to 3.6V supply range

• Low supply current (3.5µA @ 100 lux)

• Fast response time

• Close to human eye response

• IR Rejection

• Internal dark current compensation

• Lux to current source or/and sink

• Excellent output linearity of luminance

• 6 Ld ODFN: 2mmx2.1mmx0.7mm

• Pb-free (RoHS compliant)



Applications

• Display and keypad dimming for:

- Mobile devices: smart phone, PDA, GPS

- Computing devices: notebook PC, webpod

- Consumer devices: LCD-TV, digital picture frame, digital camera

• Industrial and medical light sensing




Similar Part No. - ISL29006

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
724Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
ISL29006IROZ-EVALZ INTERSIL-ISL29006IROZ-EVALZ Datasheet
724Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
logo
Renesas Technology Corp
ISL29006IROZ-EVALZ RENESAS-ISL29006IROZ-EVALZ Datasheet
973Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
More results


Similar Description - ISL29006

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
Ambient Light Photo Detect IC
February 9, 2007
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
July 1, 2008
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
Ambient Light Photo Detect IC
September 18, 2009
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com