Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6306 Datasheet (PDF) - Intersil Corporation

ISL6306 Datasheet PDF - Intersil Corporation
Part # ISL6306
Download  ISL6306 Download
File Size   699.48 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing

ISL6306 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6306 Datasheet PDF - Intersil Corporation

Part # ISL6306
Download  ISL6306 Click to download

File Size   699.48 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing

ISL6306 Datasheet (HTML) - Intersil Corporation


ISL6306 Product details

4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing

The ISL6306 controls microprocessor core voltage regulation by driving up to 4 synchronous-rectified buck channels in parallel. Multiphase buck converter architecture uses interleaved timing to multiply channel ripple frequency and reduce input and output ripple currents. Lower ripple results in fewer components, lower component cost, reduced power dissipation, and smaller implementation area.

Features
• Precision Multiphase Core Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.5% System Accuracy Over Life, Load, Line and Temperature
    - Adjustable Precision Reference-Voltage Offset
• Precision rDS(ON) or DCR Current Sensing
    - Accurate Load-Line Programming
    - Accurate Channel-Current Balancing
    - Differential Current Sense
• Microprocessor Voltage Identification Input
    - Dynamic VID™ Technology
    - 8-Bit VID Input with Selectable VR11 Code and
    Extended VR10 Code at 6.25mV per Bit
    - 0.5V to 1.6V Operation Range
• Thermal Monitoring
• Integrated Programmable Temperature Compensation
• Threshold-Sensitive Enable Function for Power Sequencing and VTT Enable
• Overcurrent Protection
• Overvoltage Protection
• 2-, 3- or 4-Phase Operation
• Adjustable Switching Frequency Up to 1MHz Per Phase
• Package Option
    - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
        Flat No Leads - Product Outline
    - QFN Near Chip Scale Package Footprint; Improves
        PCB Efficiency, Thinner in Profile
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6306

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6306CRZ RENESAS-ISL6306CRZ Datasheet
1Mb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6306CRZ-TK RENESAS-ISL6306CRZ-TK Datasheet
1Mb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6306IRZ RENESAS-ISL6306IRZ Datasheet
1Mb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Similar Description - ISL6306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
December 27, 2004
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
April 21, 2006
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
March 20, 2007
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
March 9, 2006
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
May 5, 2008
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com