Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6112 Datasheet (PDF) - Intersil Corporation

ISL6112 Datasheet PDF - Intersil Corporation
Part # ISL6112
Download  ISL6112 Download
File Size   671.64 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Slot PCI-Express Power Controller

ISL6112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6112 Datasheet PDF - Intersil Corporation

Part # ISL6112
Download  ISL6112 Click to download

File Size   671.64 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Slot PCI-Express Power Controller

ISL6112 Datasheet (HTML) - Intersil Corporation


ISL6112 Product details

The ISL6112 targets the PCI-Express add-in card hot plug application. Together with two each of N-Channel and P-Channel MOSFETs, four current sense resistors and several external passive components the ISL6112 provides a compliant hot plug power control solution to any combination of two PCI-Express X1, X4, X8 or X16 slots.

Features
• Supports Two Independent PCI Express Slots
• Highest Available Accuracy External RSENSE Current Monitoring on Main Supplies
• Programmable Current Regulation Protection Function for X1, X4, X8, X16 Connectors
• 12V, 3.3V, and 3.3VAUX Supplies Supported per PCI Express Specification V1.0A
• Voltage Tolerant I/O SMBus Interface for Slot Power Control and Status, compatible with SMBus 2.0 Systems
• Programmable Current Regulation Duration
• Programmable In-rush Current Limiting
• Dual Level Fault Detection for Quick Fault Response without Nuisance Tripping
• Slot to Slot Electrical and Thermal Isolation
• Two General Purpose Input Pins Suitable for Interface to Logic and Switches.
• TQFP or QFN Pb-Free Package Options
    - TQFP is pin for pin equivalent to MIC2592B-2YTQ and is compatible with the TPS2363 pinout
    - The QFN package is 40% smaller and has lower die to case thermal impedance than the TQFP
• Pb-Free (RoHS Compliant)

Applications
• PCI Express V1.0A hot-plug power control
• PCI-Express Servers
• Power Supply Distribution and Control




Similar Part No. - ISL6112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
Dual Slot PCI-Express Hot Plug Controller
ISL6112EVAL1Z RENESAS-ISL6112EVAL1Z Datasheet
1Mb / 30P
Dual Slot PCI-Express Hot Plug Controller
ISL6112IRZA RENESAS-ISL6112IRZA Datasheet
1Mb / 30P
Dual Slot PCI-Express Hot Plug Controller
More results


Similar Description - ISL6112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
Dual-Slot PCI Express Hot-Plug Controller
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242 Datasheet
350Kb / 24P
Dual Slot Hot Swap Controller for PCI Express
logo
Micrel Semiconductor
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
Dual Slot Hot Swap Controller for PCI Express
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
Dual Slot PCI-Express Hot Plug Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com