Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5306 Datasheet (PDF) - Intersil Corporation

EL5306 Datasheet PDF - Intersil Corporation
Part # EL5306
Download  EL5306 Download
File Size   457.42 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 350MHz Fixed Gain Amplifiers with Enable

EL5306 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5306 Datasheet PDF - Intersil Corporation

Part # EL5306
Download  EL5306 Click to download

File Size   457.42 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 350MHz Fixed Gain Amplifiers with Enable

EL5306 Datasheet (HTML) - Intersil Corporation


EL5306 Product details

350MHz Fixed Gain Amplifiers with Enable

The EL5106 and EL5306 are fixed gain amplifiers with a bandwidth of 350MHz. This makes these amplifiers ideal for today’s high speed video and monitor applications. They feature internal gain setting resistors and can be configured in a gain of +1, -1 or +2.
With a supply current of just 1.5mA and the ability to run from a single supply voltage from 5V to 12V, these amplifiers are also ideal for handheld, portable or battery powered equipment.

Features
• Pb-free plus anneal available (RoHS compliant)
• Gain selectable (+1, -1, +2)
• 350MHz -3dB BW (AV = 2)
• 1.5mA supply current per amplifier
• Fast enable/disable
• Single and dual supply operation, from 5V to 12V
• Available in SOT-23 packages
• 450MHz, 3.5mA product available (EL5108 & EL5308)

Applications
• Battery powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers




Similar Part No. - EL5306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
350MHz Fixed Gain Amplifiers with Enable
September 1, 2004
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
350MHz Fixed Gain Amplifiers with Enable
November 3, 2005
EL5306 INTERSIL-EL5306 Datasheet
292Kb / 12P
350MHz Fixed Gain Amplifiers with Enable
May 3, 2007
logo
Renesas Technology Corp
EL5306 RENESAS-EL5306 Datasheet
717Kb / 14P
350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306IS INTERSIL-EL5306IS Datasheet
1Mb / 11P
350MHz Fixed Gain Amplifiers with Enable
September 1, 2004
More results


Similar Description - EL5306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
350MHz Fixed Gain Amplifiers with Enable
September 1, 2004
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
350MHz Fixed Gain Amplifiers with Enable
November 3, 2005
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
450MHz Fixed Gain Amplifiers with Enable
June 15, 2006
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
350MHz Fixed Gain Amplifiers with Enable
October 29, 2007
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
450MHz Fixed Gain Amplifiers with Enable
May 3, 2007
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
350MHz Fixed Gain Amplifiers with Enable
May 3, 2007
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
450MHz Fixed Gain Amplifiers with Enable
August 10, 2010
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
350MHz Fixed Gain Amplifiers with Enable
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
450MHz Fixed Gain Amplifiers with Enable
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com