Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227 Datasheet (PDF) - Intersil Corporation

EL2227 Datasheet PDF - Intersil Corporation
Part # EL2227
Download  EL2227 Download
File Size   441.28 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, Very Low Noise Amplifier

EL2227 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2227 Datasheet PDF - Intersil Corporation

Part # EL2227
Download  EL2227 Click to download

File Size   441.28 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, Very Low Noise Amplifier

EL2227 Datasheet (HTML) - Intersil Corporation


EL2227 Product details

The EL2227 is a dual, low-noise amplifier, ideally suited to line receiving applications in ADSL and HDSLII designs. With low noise specification of just 1.9nV/√Hz and 1.2pA/√Hz, the EL2227 is perfect for the detection of very low amplitude signals.

The EL2227 features a -3dB bandwidth of 115MHz and is gain-of-2 stable. The EL2227 also affords minimal power dissipation with a supply current of just 4.8mA per amplifier. The amplifier can be powered from supplies ranging from ±2.5V to ±12V.

The EL2227 is available in a space-saving 8 Ld MSOP package as well as the industry-standard 8 Ld SOIC. It can operate over the -40°C to +85°C temperature range.



Features

• Voltage noise of only 1.9nV/√Hz

• Current noise of only 1.2pA/√Hz

• Bandwidth (-3dB) of 115MHz @AV = +2

• Gain-of-2 stable

• Just 4.8mA per amplifier

• 8 Ld MSOP package

• ±2.5V to ±12V operation

• Pb-free plus anneal available (RoHS compliant)



Applications

• ADSL receivers

• HDSLII receivers

• Ultrasound input amplifiers

• Wideband instrumentation

• Communications equipment

• AGC and PLL active filters

• Wideband sensors




Similar Part No. - EL2227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2227 INTERSIL-EL2227 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
logo
Renesas Technology Corp
EL2227 RENESAS-EL2227 Datasheet
740Kb / 14P
Dual, Very Low Noise Amplifier
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
EL2227CS ELANTEC-EL2227CS Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
logo
Intersil Corporation
EL2227CS INTERSIL-EL2227CS Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
More results


Similar Description - EL2227

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
Analog Devices
OP270 AD-OP270 Datasheet
525Kb / 16P
Dual Very Low Noise Precision Operational Amplifier
4/03-Data Sheet changed from REV. B to REV. C.
logo
Intersil Corporation
EL2227 INTERSIL-EL2227_07 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
logo
Analog Devices
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Analog Devices
OP270 AD-OP270_17 Datasheet
383Kb / 21P
Dual Very Low Noise Precision Operational Amplifier
10/15-Rev. E to Rev. F
logo
Renesas Technology Corp
EL2227 RENESAS-EL2227 Datasheet
740Kb / 14P
Dual, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com