Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7244 Datasheet (PDF) - Intersil Corporation

ICM7244 Datasheet PDF - Intersil Corporation
Part # ICM7244
Download  ICM7244 Download
File Size   428.8 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,

ICM7244 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7244 Datasheet PDF - Intersil Corporation

Part # ICM7244
Download  ICM7244 Click to download

File Size   428.8 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,

ICM7244 Datasheet (HTML) - Intersil Corporation


ICM7244 Product details

8-Character, Microprocessor Compatible, LED Display Decoder Driver

The ICM7244 is an 8-character, alphanumeric display driver and controller which provides all the circuitry required to interface a microprocessor or digital system to a 16-segment display with internal pull-up resistors. It is primarily intended for use in microprocessor systems, where it minimizes hardware and software overhead. Incorporated on-chip are a 64-character ASClI decoder, 8x6 memory, high power character and segment drivers, and the multiplex scan circuitry.

Features
• 6-Segment Fonts with Decimal Point
• Has Internal Pull-Up Resistors of 617Ω Typ.
• Mask Programmable for Other Font-Sets Up to 64 Characters
• Microprocessor Compatible
• Directly Drives LED Common Cathode Displays
• Cascadable Without Additional Hardware
• Standby Feature Turns Display Off; Puts Chip in Low Power Mode
• Sequential Entry or Random Entry of Data Into Display
• Single +5V Operation
• Character and Segment Drivers, All MUX Scan Circuitry, 8x6 Static Memory and 64-Character ASCll Font Generator Included On-Chip
• Pb-Free (RoHS Compliant)




Similar Part No. - ICM7244

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
425Kb / 13P
8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
423Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
logo
Renesas Technology Corp
ICM7244AIM44Z RENESAS-ICM7244AIM44Z Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
More results


Similar Description - ICM7244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
8-Character, Microprocessor- Compatible, LED Display Decoder Driver
August 1997
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
October 29, 2013
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243BlPL INTERSIL-ICM7243BlPL Datasheet
423Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
401Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver
October 29, 2013
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com