Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5152IS Datasheet (PDF) - Intersil Corporation

EL5152IS Datasheet PDF - Intersil Corporation
Part # EL5152IS
Download  EL5152IS Download
File Size   380.89 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 270MHz Ultra-Accurate Amplifiers

EL5152IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5152IS Datasheet PDF - Intersil Corporation

Part # EL5152IS
Download  EL5152IS Click to download

File Size   380.89 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 270MHz Ultra-Accurate Amplifiers

EL5152IS Datasheet (HTML) - Intersil Corporation


EL5152IS Product details

The EL5152, EL5153, EL5252, and EL5455 are 270MHz, -3dB bandwidth, voltage mode feedback amplifiers with DC accuracy of <0.01%, 1mV offsets and 50kV/V open loop gains. These amplifiers are ideally suited for applications ranging from precision measurement instrumentation to high-speed video and monitor applications demanding higher linearity at higher frequency. Capable of operating with as little as 3.0mA of current from a single supply ranging from 5V to 12V dual supplies ranging from ±2.5V to ±5.0V these amplifiers are also well suited for handheld, portable and battery-powered equipment.



Features

• 270MHz -3dB bandwidth

• 180V/µs slew rate

• ±1mV maximum VOS

• Very high open loop gains 50kV/V

• Low supply current = 3mA

• 105mA output current

• Single supplies from 5V to 12V

• Dual supplies from ±2.5V to ±5V

• Fast disable on the EL5152 and EL5252

• Pb-free available (RoHS compliant)



Applications

• Imaging

• Instrumentation

• Video

• Communications devices



 




Similar Part No. - EL5152IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152IS INTERSIL-EL5152IS Datasheet
357Kb / 14P
300MHz Amplifiers
February 17, 2005
EL5152IS INTERSIL-EL5152IS Datasheet
705Kb / 16P
270MHz Ultra-Accurate Amplifiers
October 3, 2005
EL5152IS INTERSIL-EL5152IS Datasheet
371Kb / 16P
270MHz Ultra-Accurate Amplifiers
May 7, 2007
logo
Renesas Technology Corp
EL5152IS RENESAS-EL5152IS Datasheet
805Kb / 16P
270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5152IS-T13 INTERSIL-EL5152IS-T13 Datasheet
357Kb / 14P
300MHz Amplifiers
February 17, 2005
More results


Similar Description - EL5152IS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
Low Droop Rate/Accurate Sample-andHold Amplifiers
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_05 Datasheet
705Kb / 16P
270MHz Ultra-Accurate Amplifiers
October 3, 2005
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
270MHz Ultra-Accurate Amplifiers
May 7, 2007
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
270MHz Single Supply, Single & Dual Amplifiers
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
270MHZ HIGH SPEED AMPLIFIERS
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
270MHz Ultra-Accurate Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com