Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-2520 Datasheet (PDF) - Intersil Corporation

HA-2520 Datasheet PDF - Intersil Corporation
Part # HA-2520
Download  HA-2520 Download
File Size   310.6 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers

HA-2520 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2520 Datasheet PDF - Intersil Corporation

Part # HA-2520
Download  HA-2520 Click to download

File Size   310.6 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers

HA-2520 Datasheet (HTML) - Intersil Corporation


HA-2520 Product details

20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers



HA-2520, HA-2522, HA-2525 comprise a series of operational amplifiers delivering an unsurpassed combination of specifications for slew rate, bandwidth and settling time. These dielectrically isolated amplifiersare controlled at close loop gains greater than 3 without external compensation. In addition, these high performance components also provide low offset current and high input impedance.



Features

• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 120V/µs

• Fast Settling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200ns

• Full Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . 2MHz

• Gain Bandwidth (AV ≥3) . . . . . . . . . . . . . . . . . . . . 20MHz

• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 100MΩ

• Low Offset Current . . . . . . . . . . . . . . . . . . . . . . . . . . .10nA

• Compensation Pin for Unity Gain Capability

• Pb-Free Available (RoHS Compliant)



Applications

• Data Acquisition Systems

• RF Amplifiers

• Video Amplifiers

• Signal Generators




Similar Part No. - HA-2520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
307Kb / 11P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
November 15, 2006
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
Uncompensated, High Slew Rate Operational Amplifier
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HA-2520/883 INTERSIL-HA-2520/883 Datasheet
93Kb / 6P
Uncompensated, High Slew Rate Operational Amplifier
October 11, 2004
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
Uncompensated, High Slew Rate Operational Amplifier
October 11, 2004
More results


Similar Description - HA-2520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
HA-2529 INTERSIL-HA-2529 Datasheet
401Kb / 8P
20MHz, High Input Impedance, High Slew Rate Operational Amplifier
September 1998
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
Uncompensated, High Slew Rate Operational Amplifier
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
November 15, 2006
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
November 30, 2005
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
Uncompensated, High Slew Rate Operational Amplifier
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com