Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096RH Datasheet (PDF) - Intersil Corporation

ISL73096RH Datasheet PDF - Intersil Corporation
Part # ISL73096RH
Download  ISL73096RH Download
File Size   197.05 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays

ISL73096RH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73096RH Datasheet PDF - Intersil Corporation

Part # ISL73096RH
Download  ISL73096RH Click to download

File Size   197.05 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays

ISL73096RH Datasheet (HTML) - Intersil Corporation


ISL73096RH Product details

Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays

The ISL73096RH, ISL73127RH and ISL73128RH are radiation hardened bipolar transistor arrays. The ISL73096RH consists of three NPN transistors and two PNP transistors on a common substrate. The ISL73127RH consists of five NPN transistors on a common substrate. The ISL73128RH consists of five PNP transistors on a common substrate. One of our bonded wafer, dielectrically isolated fabrication processes provides an immunity to Single Event Latch-up and the capability of highly reliable performance in any radiation environment.

Features
• Electrically Screened to SMD # 5962-07218
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
   - Gamma Dose (γ) . . . . . . . . . . . . . . . . . 3 x 105RAD(Si)
   - SEL Immune. . . . . . . Bonded Wafer Dielectric Isolation
• NPN Gain Bandwidth Product (FT) . . . . . . . . .8GHz (Typ)
• NPN Current Gain (hFE). . . . . . . . . . . . . . . . . . . 130 (Typ)
• NPN Early Voltage (VA) . . . . . . . . . . . . . . . . . . . 50V (Typ)
• PNP Gain Bandwidth Product (FT). . . . . . . . 5.5GHz (Typ)
• PNP Current Gain (hFE). . . . . . . . . . . . . . . . . . . . 60 (Typ)
• PNP Early Voltage (VA) . . . . . . . . . . . . . . . . . . . 20V (Typ)
• Noise Figure (50Ω) at 1GHz . . . . . . . . . . . . . .3.5dB (Typ)
• Collector-to-Collector Leakage. . . . . . . . . . . . . <1pA (Typ)
• Complete Isolation Between Transistors

Applications
• High Frequency Amplifiers and Mixers
   - Refer to Application Note AN9315
• High Frequency Converters
• Synchronous Detector




Similar Part No. - ISL73096RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
logo
Renesas Technology Corp
ISL73096RH RENESAS-ISL73096RH Datasheet
475Kb / 11P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
June 27, 2014
logo
Intersil Corporation
ISL73096RHF/PROTO INTERSIL-ISL73096RHF/PROTO Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
logo
Renesas Technology Corp
ISL73096RHF/PROTO RENESAS-ISL73096RHF/PROTO Datasheet
475Kb / 11P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
June 27, 2014
ISL73096RHVF RENESAS-ISL73096RHVF Datasheet
475Kb / 11P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
June 27, 2014
More results


Similar Description - ISL73096RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
NPN/PNP Transistor Arrays
December 1997
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
Ultra High Frequency Transistor Arrays
October 1998
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
June 1999
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
Radiation Hardened Ultra High Frequency NPN Transistor Array
1999 08
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
NPN/PNP Transistor Arrays
January 2004
HFA3046 INTERSIL-HFA3046_05 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
Ultra High Frequency Transistor Arrays
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
Ultra High Frequency Transistor Arrays
Jan 24, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com