Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9021 Datasheet (PDF) - Intersil Corporation

ISL9021 Datasheet PDF - Intersil Corporation
Part # ISL9021
Download  ISL9021 Download
File Size   188.33 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250mA Single LDO with Low IQ, Low Noise and High PSRR LDO

ISL9021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9021 Datasheet PDF - Intersil Corporation

Part # ISL9021
Download  ISL9021 Click to download

File Size   188.33 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250mA Single LDO with Low IQ, Low Noise and High PSRR LDO

ISL9021 Datasheet (HTML) - Intersil Corporation


ISL9021 Product details

250mA Single LDO with Low IQ, Low Noise and High PSRR LDO

The ISL9021 is a single LDO providing high performance low input voltage, high PSRR. It delivers guaranteed continuous 250mA load current and is stable with 1µF to 4.7µF of output capacitance (±30%) with an ESR range of 5mΩ to 400mΩ.

Features
• High Performance LDO with 250mA guaranteed continuous output current
• Input Voltage Range: 1.5V to 5.5V
• Output Voltage Range: 0.9V to 3.3V
• High PSRR: 75dB @ 10kHz, 50dB @ 1MHz
• Low Quiescent Current: 35µA
• Dropout Voltage: <150mV @ 250mA
• Stable with 1µF to 4.7µF Output Capacitance (±30%) with an ESR range of 5mΩ to 400mΩ
• ±1.8% Output Accuracy Over-Temperature/Load/Line
• Soft-start Limits Input Current Surge During Enable
• Current Limit and Overheat Protection
• -40°C to +85°C Operating Temperature Range
• Available in 1.155mmx0.975mm 4-bump WLCSP Package and 1.6mmx1.6mm 6 Ld µTDFN
• Pb-free (RoHS compliant)

Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handhelds




Similar Part No. - ISL9021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021 INTERSIL-ISL9021 Datasheet
265Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results


Similar Description - ISL9021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
Low Noise LDO with Low IQ and High PSRR
October 1, 2009
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
Low Noise LDO with Low IQ and High PSRR
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com