Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32932 Datasheet (PDF) - EPCOS

B32932 Datasheet PDF - EPCOS
Part # B32932
Download  B32932 Download
File Size   295.5 Kbytes
Page   18 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors Metallized Polyester Film Capacitors

B32932 Datasheet (PDF)

Go To PDF Page Download Datasheet
B32932 Datasheet PDF - EPCOS

Part # B32932
Download  B32932 Click to download

File Size   295.5 Kbytes
Page   18 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors Metallized Polyester Film Capacitors

B32932 Datasheet (HTML) - EPCOS


B32932 Product details

Metallized Polyester Film Capacitors (MKT)

AC applications (heavy duty series) / 305 V AC



Features

■ High stability of capacitance value

■ X2 safety approval (up to 2.2 µF)



Typical applications

■ For connection in series with the mains

■ For severe ambient conditions

■ Capacitive power supply applications

■ Energy meters



Construction

■ Dielectric: metallized polyester

■ Internal series connection

■ Plastic case (UL 94 V-0)

■ Epoxy resin sealing, flame-retardant



 




Similar Part No. - B32932

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32932 EPCOS-B32932 Datasheet
289Kb / 18P
Metallized Polyester Film Capacitors (MKT)
B32932 EPCOS-B32932 Datasheet
286Kb / 16P
Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
EMI Suppression Capacitors
March 2019
B32932 TDK-B32932 Datasheet
584Kb / 19P
EMI Suppression Capacitors (MKT)
June 2020
logo
EPCOS
B32932A3104 EPCOS-B32932A3104 Datasheet
286Kb / 16P
Metallized Polyester Film Capacitors (MKT)
More results


Similar Description - B32932

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com