Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC594 Datasheet (PDF) - NXP Semiconductors

74AHC594 Datasheet PDF - NXP Semiconductors
Part # 74AHC594_08
Download  74AHC594 Download
File Size   132.73 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit shift register with output register

74AHC594 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC594 Datasheet PDF - NXP Semiconductors

Part # 74AHC594_08
Download  74AHC594 Click to download

File Size   132.73 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit shift register with output register

74AHC594 Datasheet (HTML) - NXP Semiconductors


74AHC594 Product details

General description
The 74AHC594; 74AHCT594 is a high-speed Si-gate CMOS device and is pin compatible with Low-Power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A.

Features
■ Balanced propagation delays
■ All inputs have Schmitt-trigger actions
■ Inputs accept voltages higher than VCC
■ Wide supply voltage range from 2.0 V to 5.5 V
■ 8-bit serial-in, parallel-out shift register with storage
■ Independent direct overriding clears on shift and storage registers
■ Independent clocks for shift and storage registers
■ Latch-up performance exceeds 100 mA per JESD78 Class II
■ Input levels:
   ◆ For 74AHC594: CMOS level
   ◆ For 74AHCT594: TTL level
■ ESD protection:
   ◆ HBM EIA/JESD22-A114E exceeds 2000 V
   ◆ MM EIA/JESD22-A115-A exceeds 200 V
   ◆ CDM EIA/JESD22-C101C exceeds 1000 V
■ Multiple package options
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C

Applications
■ Serial-to parallel data conversion
■ Remote control holding register




Similar Part No. - 74AHC594_08

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC594-Q100 NEXPERIA-74AHC594-Q100 Datasheet
764Kb / 24P
8-bit shift register with output register
logo
NXP Semiconductors
74AHC594BQ PHILIPS-74AHC594BQ Datasheet
153Kb / 29P
8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74AHC594BQ NEXPERIA-74AHC594BQ Datasheet
306Kb / 20P
8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHC594BQ-Q100 NEXPERIA-74AHC594BQ-Q100 Datasheet
764Kb / 24P
8-bit shift register with output register
logo
NXP Semiconductors
74AHC594D PHILIPS-74AHC594D Datasheet
153Kb / 29P
8-bit shift register with output register
Rev. 01-4 July 2006
More results


Similar Description - 74AHC594_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
8-bit shift register with output register
December 1991
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
8-bit shift register with output register
Rev. 01-4 July 2006
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
8-bit shift register with output register
Rev. 02-9 June 2008
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
8-bit shift register with output register
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com