Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVAZ172NPBF Datasheet (PDF) - International Rectifier

PVAZ172NPBF Datasheet PDF - International Rectifier
Part # PVAZ172NPBF
Download  PVAZ172NPBF Download
File Size   1189.01 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET Photovoltaic Relay Single Pole, Normally Open

PVAZ172NPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
PVAZ172NPBF Datasheet PDF - International Rectifier

Part # PVAZ172NPBF
Download  PVAZ172NPBF Click to download

File Size   1189.01 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET Photovoltaic Relay Single Pole, Normally Open

PVAZ172NPBF Datasheet (HTML) - International Rectifier


PVAZ172NPBF Product details

General Description
The PVAZ172N Photovoltaic Relay is a single-pole, normally open solid state relay that can replace electromechanical relays used for general purpose switching of DC and AC loads. It utilizes International Rectifier’s HEXFET power MOSFETs as the output switches, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator.

Features
■ 500mΩ On-Resistance
■ Bounce-Free Operation
■ 1.0 Amp capacity
■ 4,000 VRMS I/O Isolation
■ Solid-State Reliability
■ UL recognized
■ ESD Tolerance:
    4000V Human Body Model
    500V Machine Model

Applications
■ Portable Electronics
■ Programmable Logic Controllers
■ Computers and Peripheral Devices
■ Audio Equipment
■ Power Supplies and Power Distribution
■ Instrumentation




Similar Part No. - PVAZ172NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF Datasheet
229Kb / 6P
Solid-State Reliability
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
Solid-State Reliability
More results


Similar Description - PVAZ172NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com