Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7580SC Datasheet (PDF) - International Rectifier

OM7580SC Datasheet PDF - International Rectifier
Part # OM7580SC
Download  OM7580SC Download
File Size   71.49 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output

OM7580SC Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7580SC Datasheet PDF - International Rectifier

Part # OM7580SC
Download  OM7580SC Click to download

File Size   71.49 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output

OM7580SC Datasheet (HTML) - International Rectifier


OM7580SC Product details

Description
The OM7580SC is a 7.0A, ultra low dropout, adjustable linear regulator specifically designed for low voltage, high current applications. Housed in a hermetic package, the dropout of this device is 540mV at full load and as low a 100mV at light loads. The low dropout is achieved by an additional low current input voltage. This unit is ideally suited for military/defense, commercial aircraft, industrial control and other harsh environments where a hermetically sealed package is required.

Features:
■ Dropout Voltage of 540mV at Full Load
■ Dropout Voltage of 100mV at Light Loads
■ Fast Transient Response
■ Adjustable Output: 1.8 to 5.5V
■ Remote Sense
■ Hermetic MO-078AA Package ensures High Reliability




Similar Part No. - OM7580SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7580SM IRF-OM7580SM Datasheet
66Kb / 4P
Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
OM7580SMX IRF-OM7580SMX Datasheet
66Kb / 4P
Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
More results


Similar Description - OM7580SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
10-Bit, 27 MSPS Camera Signal Processor
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
Imaging/Signal Processor
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV.0
logo
National Semiconductor ...
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
10-Bit, 18 MSPS Camera Signal Processor
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
logo
Texas Instruments
LM98519 TI1-LM98519 Datasheet
661Kb / 57P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
LM98620 TI1-LM98620 Datasheet
887Kb / 69P
10-Bit 70 MSPS 6 Channel Imaging Signal Processor
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com