Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-5000 Datasheet (PDF) - 3M Electronics

AB-5000 Datasheet PDF - 3M Electronics
Part # AB-5000
Download  AB-5000 Download
File Size   200.17 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description EMI Absorber

AB-5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
AB-5000 Datasheet PDF - 3M Electronics

Part # AB-5000
Download  AB-5000 Click to download

File Size   200.17 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description EMI Absorber

AB-5000 Datasheet (HTML) - 3M Electronics


AB-5000 Product details

Features
■ Polymer resin and metal flakes filler
■ Acrylic pressure-sensitive adhesive
■ Supplied on a removable liner for easy handling and die-cutting The AB-5000 Series EMI Absorber is available in standard A4 size and 210mm (width) X 15 meters (length) in roll.

Applications
■ The AB-5000 Series EMI Absorber is typically used for applications requiring electromagneticabsorbing performance. It suppresses radiated noise from electrical devices for broadband radio frequency range. Common uses include mobile phone (SAR reduction), computer, digital still camera, RF block, military equipments for radar avoidance and stealth performance. Attenuation and Power Loss Many factors determine the true attenuation of an electromagnetic absorbing material, including shape and thickness, intimacy of substrate contact, smoothness of application surface, strength and frequency of the EMI signal, etc. However, using standard tests and fixtures, it is possible to determine a value for the signal attenuation. The typical attenuation range of the 3M AB-5000 Series EMI Absorber depends on thickness. 3M AB-5000 EMI Absorber – Typical Properties Properties Typical Value Type of Backing Polymer resin with metal flake filler Type of Adhesive Acrylic non-conductive pressure-sensitive adhesive (PSA) Product Number AB-5010 AB-5020 AB-5030 AB-5050 AB-5100 Thickness 1 0.10mm 0.20mm 0.30mm 0.50mm 1.00mm Standard packaging 210mm x 297mm Temperature range -25 ~ 85℃ Surface resistivity 2 1x10 6Ω(min)




Similar Part No. - AB-5000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AB-5000HF 3M-AB-5000HF Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
AB-5000RFSeries 3M-AB-5000RFSeries Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
AB-5000RSeries 3M-AB-5000RSeries Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
AB-5000S 3M-AB-5000S Datasheet
136Kb / 2P
EMI Absorber
AB-5000S 3M-AB-5000S Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
More results


Similar Description - AB-5000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
32401 WURTH-32401 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
32403 WURTH-32403 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
324075 WURTH-324075 Datasheet
618Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
EMI Absorber with Shielding
Oct-2008
AB7000 3M-AB7000 Datasheet
67Kb / 2P
EMI Absorber
Feb-2009
1318125 3M-1318125 Datasheet
136Kb / 2P
EMI Absorber
AB5050 3M-AB5050 Datasheet
200Kb / 2P
EMI Absorber
AB5000SHF-SERIES 3M-AB5000SHF-SERIES Datasheet
394Kb / 4P
3M??EMI Absorber AB5000SHF Series
AB-5000S 3M-AB-5000S Datasheet
130Kb / 2P
EMI Absorber
2007
logo
Laird Tech Smart Techno...
NS1000HTRC LSTD-NS1000HTRC Datasheet
271Kb / 3P
EMI Noise Suppression Absorber
20221007
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com