Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

284093-2 Datasheet (PDF) - Tyco Electronics

284093-2 Datasheet PDF - Tyco Electronics
Part # 284093-2
Download  284093-2 Download
File Size   180.66 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.00mm PITCH

284093-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
284093-2 Datasheet PDF - Tyco Electronics

Part # 284093-2
Download  284093-2 Click to download

File Size   180.66 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.00mm PITCH

284093-2 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 284093-2

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2840 KR-2840 Datasheet
58Kb / 2P
150 MHz differential lowpass filter
logo
Heyco.
2840 HEYCO-2840 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Alpha Wire
2840/7 ALPHAWIRE-2840/7 Datasheet
98Kb / 4P
Customer Specification
2/23/2023
logo
STEGO Elektrotechnik Gm...
28400.0-00 STEGO-28400.0-00 Datasheet
226Kb / 1P
PRESSURE COMPENSATION DEVICE
24.02.2022
28400.0-01 STEGO-28400.0-01 Datasheet
226Kb / 1P
PRESSURE COMPENSATION DEVICE
24.02.2022
More results


Similar Description - 284093-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282857 MACOM-C-282857 Datasheet
84Kb / 2P
TERMINAL BLOCK, PCB MOUNT, SIDE WIRE ENTRY, STACKING W/INTERLOCK, 5.08mm
C-796684 MACOM-C-796684 Datasheet
64Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-796689 MACOM-C-796689 Datasheet
59Kb / 1P
TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRY,K STACKING W/INTERLOCK, 5.00mm PITCH
C-796748 MACOM-C-796748 Datasheet
55Kb / 1P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.0mm PITCH
C-282836 MACOM-C-282836 Datasheet
213Kb / 2P
TERMINAL BLOCK, PCB MOUNT SIDE WIRE ENTRY, STACKING WITH INTERLOCK, 5.00mm PITCH
C-282851 MACOM-C-282851 Datasheet
70Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282862 MACOM-C-282862 Datasheet
67Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-282863 MACOM-C-282863 Datasheet
67Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-284414 MACOM-C-284414 Datasheet
49Kb / 1P
TERMINAL BLOCK, PCB MOUNT 90 TOP ENTRY WIRE, STACKING W/INTERLOCK, 3.5mm, PITCH
C-284415 MACOM-C-284415 Datasheet
49Kb / 1P
TERMINAL BLOCK, PCB MOUNT 90 TOP ENTRY WIRE, STACKING W/INTERLOCK, 3.81mm, PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com