Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH-PF Datasheet (PDF) - SHIELD s.r.l.

MH-PF Datasheet PDF - SHIELD s.r.l.
Part # MH-PF
Download  MH-PF Download
File Size   83.48 Kbytes
Page   1 Pages
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.
Description Multi-section cables, UL 300 V, PUR outer sheath, pvc inside

MH-PF Datasheet (PDF)

Go To PDF Page Download Datasheet
MH-PF Datasheet PDF - SHIELD s.r.l.

Part # MH-PF
Download  MH-PF Click to download

File Size   83.48 Kbytes
Page   1 Pages
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.
Description Multi-section cables, UL 300 V, PUR outer sheath, pvc inside

MH-PF Datasheet (HTML) - SHIELD s.r.l.




Similar Part No. - MH-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH-1 ETC2-MH-1 Datasheet
1Mb / 1P
MicroAmp MH-1 Housing For Single MB Circuit Boards
logo
M-System Co.,Ltd.
MH-105A MSYSTEM-MH-105A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MH-110A MSYSTEM-MH-110A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MH-1201 MSYSTEM-MH-1201 Datasheet
94Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MH-130A MSYSTEM-MH-130A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Similar Description - MH-PF

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
PUR, halogen free, UL 300 V
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
PUR, pvc insulation, UL 600 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
PUR, halogen free, UL 300 V
MF-HE SHIELD-MF-HE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside, UL 300 V
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
PVC, UL 300 V
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
PVC, UL 300 V, cold resistant (- 40째C)
MP-TE SHIELD-MP-TE Datasheet
101Kb / 2P
PVC, UL 300 V, shielded
logo
Littelfuse
00200400 LITTELFUSE-00200400 Datasheet
93Kb / 1P
ADR Cables ??Polyurethane sheath material
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com