Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

777704-06 Datasheet (PDF) - National Instruments Corporation

777704-06 Datasheet PDF - National Instruments Corporation
Part # 777704-06
Download  777704-06 Download
File Size   446.53 Kbytes
Page   4 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs

777704-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
777704-06 Datasheet PDF - National Instruments Corporation

Part # 777704-06
Download  777704-06 Click to download

File Size   446.53 Kbytes
Page   4 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs

777704-06 Datasheet (HTML) - National Instruments Corporation


777704-06 Product details

Overview
The National Instruments CA-1000 is a configurable enclosure designed for maximum user-defined I/O connectivity and flexibility. It is a portable enclosure for laptop, desktop, and rack-mount applications. You can install many NI accessories in the NI CA-1000, such as the SC-204x signal conditioning products, and the SCB-68, CB-68LPR, and CB-50LP terminal blocks. The result is a compact, portable, flexible, and comprehensive signal conditioning/interconnection system. The CA-1000 also facilitates quick connection and disconnection with standard I/O connectors for easy system integration and reconfiguration. By adding interface panelettes, such as toggle switches, potentiometers, and LEDs, you can control and verify system operation locally.

NI CA-1000
• Versatile connector/enclosure system
• Houses signal conditioning and connector block accessories
• Wide variety of I/O connectivity and panelette options
• Holds maximum of 18 connectivity/interface panelettes
• Low-profile enclosure
• Rack-mount and stacking kits available

I/O Connectivity Options
• BNC
• Thermocouple
• Banana jack
• LEMO connector (B-Series)
• MIL-spec
• SMB
• 9-pin D-Sub
• Strain relief

Interface Panelettes
• Momentary pushbutton
• Potentiometer
• Toggle switch
• Rocker switch
• LED




Similar Part No. - 777704-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
777700727619 MACOM-777700727619 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
National Instruments Co...
777707-01 NI-777707-01 Datasheet
520Kb / 6P
Controller Area Network (CAN) Interfaces
777707-02 NI-777707-02 Datasheet
520Kb / 6P
Controller Area Network (CAN) Interfaces
More results


Similar Description - 777704-06

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6120 NI-NI6120 Datasheet
582Kb / 8P
S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778913-01 NI-778913-01 Datasheet
556Kb / 7P
S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NI6071E NI-NI6071E Datasheet
257Kb / 11P
Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
PCIE-1816 ADVANTECH-PCIE-1816_15 Datasheet
209Kb / 1P
1 MS/s, 16-bit, 16-ch PCI Express Multifunction DAQ Card
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com