Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1566 Datasheet (PDF) - NXP Semiconductors

TDA1566 Datasheet PDF - NXP Semiconductors
Part # TDA1566
Download  TDA1566 Download
File Size   299.19 Kbytes
Page   46 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier

TDA1566 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1566 Datasheet PDF - NXP Semiconductors

Part # TDA1566
Download  TDA1566 Click to download

File Size   299.19 Kbytes
Page   46 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier

TDA1566 Datasheet (HTML) - NXP Semiconductors


TDA1566 Product details

General description

The TDA1566 is a car audio power amplifier with a complementary output stage realized in BCDMOS. The TDA1566 has two Bridge Tied Load (BTL) output stages and comes in a HSOP24 or DBS27P package.



Features

Operates in I2C-bus mode and non-I2C-bus mode

TH version: four I2C-bus addresses controlled by two pins; J version: two I2C-bus addresses controlled by one pin

Two 4Ωor 2Ωcapable BTL channels or one 1Ωcapable BTL channel

Low offset

Pop free off/standby/mute/operating mode transitions

Speaker fault detection

Selectable gain (26 dB and 16 dB)

In I2C-bus mode:

  DC load detection: open, short and speaker or line driver present

  AC load (tweeter) detection

  Programmable trigger levels for DC and AC load detection

  Per channel programmable gain (26 dB and 16 dB, selectable per channel)

  Selectable diagnostic levels for clip detection and thermal pre-warning

  Selectable information on the DIAG pin for clip information of each channel separately and independent enabling of thermal-, offset- or load fault

Independent short-circuit protection per channel

Loss of ground and open VPsafe

All outputs short-circuit proof to VP, GND and across the load

All pins short-circuit proof to ground

Temperature controlled gain reduction at high junction temperatures

Fault condition diagnosis per channel: short to ground, short to supply, shorted lead and speaker fault (wrongly connected)

Low battery voltage detection

TH version: pin compatible with the TDA8566TH1




Similar Part No. - TDA1566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
More results


Similar Description - TDA1566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
logo
Winchester Electronics ...
SDKA-89-15 WINCHESTER-SDKA-89-15 Datasheet
85Kb / 1P
TERMINATION, TNC 50 OHM, 1%, 1/2 W
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com