Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC14000 Datasheet (PDF) - Microchip Technology

PIC14000 Datasheet PDF - Microchip Technology
Part # PIC14000
Download  PIC14000 Download
File Size   774.59 Kbytes
Page   153 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28-Pin Programmable Mixed Signal Controller

PIC14000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC14000 Datasheet PDF - Microchip Technology

Part # PIC14000
Download  PIC14000 Click to download

File Size   774.59 Kbytes
Page   153 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28-Pin Programmable Mixed Signal Controller

PIC14000 Datasheet (HTML) - Microchip Technology


PIC14000 Product details

GENERAL DESCRIPTION
The PIC14000 features include medium to high resolution A/D conversion (10 to 16 bits), temperature sensing, closed loop charge control, serial communication, and low power operation.
The PIC14000 uses a RISC Harvard architecture CPU with separate 14-bit instruction and 8-bit data buses. A two-stage instruction pipeline allows all instructions to execute in a single cycle, except for program branches, which require two cycles. A total of 35 instructions are available. Additionally, a large register set is included.
PIC16/17 microcontrollers typically achieve a 2:1 code compression and a 4:1 speed improvement over other 8-bit microcontrollers.

High-Performance RISC CPU:
• Only 35 single word instructions to learn
• All single cycle instructions except for program
   branches which are two cycle
• Operating speed: DC - 20 MHz clock input
• 4096 x 14 on-chip EPROM program memory
• 192 x 8 general purpose registers (SRAM)
• 6 internal and 5 external interrupt sources
• 38 special function hardware registers
• Eight-level hardware stack

Analog Peripherals Features:
• Slope Analog-to-Digital (A/D) converter
   - Eight external input channels including two
      channels with selectable level shift inputs
   - Six internal input channels
   - 16-bit programmable timer with capture register
   - 16 ms maximum conversion time at maximum (16-bit) resolution and 4 MHz clock
   - 4-bit programmable current source
• Internal bandgap voltage reference
• Factory calibrated with calibration constants stored in EPROM
• On-chip temperature sensor
• Voltage regulator control output
• Two comparators with programmable references
• On-chip low voltage detector

Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
   and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
   oscillator for reliable operation
• Multi-segment programmable code-protection
• Selectable oscillator options
   - Internal 4 MHz oscillator
   - External crystal oscillator
• Serial in-system programming (via two pins)

Digital Peripherals Features:
• 22 I/O pins with individual direction control
• High current sink/source for direct LED drive
• TMR0: 8-bit timer/counter with 8-bit programmable prescaler
• 16-bit A/D timer: can be used as a general purpose timer
• I2C™ serial port compatible with System Management Bus

CMOS Technology:
• Low-power, high-speed CMOS EPROM technology
• Fully static design
• Wide-operating voltage range (2.7V to 6.0V)
• Commercial and Industrial Temperature Range
• Low power dissipation (typical)
   - < 3 mA @5V, 4 MHz operating mode
   - < 300 µA @3V (Sleep mode: clocks stopped
      with analog circuits active)
   - < 5 µA @3V (Hibernate mode: clocks
      stopped, analog inactive, and WDT disabled)

Applications:
• Battery Chargers
• Battery Capacity Monitoring
• Uninterruptable Power Supply Controllers
• Power Management Controllers
• HVAC Controllers
• Sensing and Data Acquisition




Similar Part No. - PIC14000

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
638Kb / 153P
28-Pin Programmable Mixed Signal Controller
03/01/02
PIC14000 MICROCHIP-PIC14000 Datasheet
1Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
28-Pin Programmable Mixed Signal Controller
03/01/02
PIC14000-04I MICROCHIP-PIC14000-04I Datasheet
638Kb / 153P
28-Pin Programmable Mixed Signal Controller
03/01/02
PIC14000-04IJW MICROCHIP-PIC14000-04IJW Datasheet
638Kb / 153P
28-Pin Programmable Mixed Signal Controller
03/01/02
More results


Similar Description - PIC14000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
logo
Microchip Technology
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Analog Devices
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
Mixed Signal DSP Controller
REV. 0
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
Programmable Mixed-signal Matrix
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
Programmable Mixed Signal Array
March 10, 2023
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com