Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V4B Datasheet (PDF) - EIC discrete Semiconductors

MM3Z2V4B Datasheet PDF - EIC discrete Semiconductors
Part # MM3Z2V4B
Download  MM3Z2V4B Download
File Size   93.63 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

MM3Z2V4B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z2V4B Datasheet PDF - EIC discrete Semiconductors

Part # MM3Z2V4B
Download  MM3Z2V4B Click to download

File Size   93.63 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

MM3Z2V4B Datasheet (HTML) - EIC discrete Semiconductors


MM3Z2V4B Product details

ZENER DIODES

VZ: 2.0 to 39 V

PD:300 mW



FEATURES :

* Total power dissipation : max. 300 mW

* Small plastic package suitable for surface mount design

* High reliability

* Pb / RoHS Free




Similar Part No. - MM3Z2V4B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM3Z2V4B FAIRCHILD-MM3Z2V4B Datasheet
490Kb / 6P
Zener Diodes
logo
Shenzhen Jin Yu Semicon...
MM3Z2V4B HTSEMI-MM3Z2V4B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
logo
Yea Shin Technology Co....
MM3Z2V4B YEASHIN-MM3Z2V4B Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
EIC discrete Semiconduc...
MM3Z2V4B EIC-MM3Z2V4B Datasheet
119Kb / 2P
ZENER DIODES
logo
SUNMATE electronic Co.,...
MM3Z2V4B SUNMATE-MM3Z2V4B Datasheet
667Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - MM3Z2V4B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com