Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-325VC Datasheet (PDF) - Rohm

SLR-325VC Datasheet PDF - Rohm
Part # SLR-325VC
Download  SLR-325VC Download
File Size   122.95 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Viewing angle 2 1/2 : 40 Lead pitch 5mm

SLR-325VC Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR-325VC Datasheet PDF - Rohm

Part # SLR-325VC
Download  SLR-325VC Click to download

File Size   122.95 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Viewing angle 2 1/2 : 40 Lead pitch 5mm

SLR-325VC Datasheet (HTML) - Rohm


SLR-325VC Product details

The SLR-325 series are small 3.2 mm LEDs with a lead pitch of 5 mm which can be directly mounted on a printed circuit board. Two colors and four lens types are available for a total of eight types, and they are suitable for use in a wide variety of applications.

Features
1) Can be directly mounted on a printed circuit board.
2) Available on tape to allow mounting using a 5 mm
   pitch machine without lead forming.
3) A low overall height of 5.5 mm makes it possible to
   design a slim unit.
4) Large flange eliminates wobbling after mounting
   (stable before and after soldering).
5) LED arrays at a conventional 4 mm pitch are also
   possible.
6) High reliability.




Similar Part No. - SLR-325VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
Reflecting small LEDs, directly mountable (3.2 mm)
More results


Similar Description - SLR-325VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
Viewing angle 2 1/2 : 40 Series
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
Viewing angle 2 1/2 : 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
Viewing angle 2 1/2 40
SLR-332VRT32 ROHM-SLR-332VRT32 Datasheet
868Kb / 4P
Viewing angle 2 1/2 85
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
Viewing angle 20 1/2 40
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com