Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-P11VT Datasheet (PDF) - Rohm

SML-P11VT Datasheet PDF - Rohm
Part # SML-P11VT
Download  SML-P11VT Download
File Size   127.6 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Current Type

SML-P11VT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-P11VT Datasheet PDF - Rohm

Part # SML-P11VT
Download  SML-P11VT Click to download

File Size   127.6 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Current Type

SML-P11VT Datasheet (HTML) - Rohm


SML-P11VT Product details

PICOLED™ - eco/PICOLED™



1006(0402)

1.0×0.6mm(t=0.2mm)



Features

・Ultra compact, thin size 1.0×0.6mm

・Thinnest size in the world*t=0.2mm

・ Original device technology enables high brightness and high reliability

・Accomplishes low power consuming application

・Specification assured at IF=1mA (PICOLEDTM-eco)



 




Similar Part No. - SML-P11VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
1Mb / 4P
Ultra compact
SML-P11VT ROHM-SML-P11VT Datasheet
1Mb / 4P
SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P11VT ROHM-SML-P11VT Datasheet
122Kb / 3P
0402<1.0 0.6 t=0.2mm> Low Current Type
SML-P11VT ROHM-SML-P11VT Datasheet
1Mb / 4P
Ultra compact, thin size 1.0x0.6mm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
Ultra compact, thin size
More results


Similar Description - SML-P11VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
Low Current Type(IF 10mA)
logo
NIHON DEMPA KOGYO
NZ2016SJ NDK-NZ2016SJ Datasheet
761Kb / 1P
Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
Low current consumption Type
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
NZ2520SJ NDK-NZ2520SJ_18 Datasheet
835Kb / 1P
Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
Low current consumption Type
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com