Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2526 Datasheet (PDF) - Analog Devices

ADN2526 Datasheet PDF - Analog Devices
Part # ADN2526
Download  ADN2526 Download
File Size   474.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps Active Back-Termination, Differential Laser Diode Driver

ADN2526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2526 Datasheet PDF - Analog Devices

Part # ADN2526
Download  ADN2526 Click to download

File Size   474.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps Active Back-Termination, Differential Laser Diode Driver

ADN2526 Datasheet (HTML) - Analog Devices


ADN2526 Product details

GENERAL DESCRIPTION
The ADN2526 laser diode driver is designed for direct modulation of packaged laser diodes that have a differential resistance ranging from 5 Ω to 50 Ω. The active back-termination in the ADN2526 absorbs signal reflections from the TOSA end of the output transmission lines, enabling excellent optical eye quality to be achieved even when the TOSA end of the output transmission lines is significantly misterminated. ADN2526 is an SFP+ MSA-compliant device, and its small package and enhanced ESD protection provide the optimum solution for compact modules where laser diodes are packaged in low pin-count optical subassemblies.

FEATURES
   3.3 V operation
   Up to 11.3 Gbps operation
   Typical 24 ps rise/fall times
   Full back-termination of output transmission lines
   Drives TOSAs with resistances ranging from 5 Ω to 50 Ω
   Bias current range: 10 mA to 100 mA
   Differential modulation current range: 10 mA to 80 mA
   Voltage input control for bias and modulation currents
   Data inputs sensitivity: 150 mV p-p diff
   Automatic laser shutdown (ALS)
   Cross point adjustment (CPA)
   XFP-compliant bias current monitor
   SFP+ MSA compliant
   Optical evaluation board available
   Compact 3 mm × 3 mm LFCSP

APPLICATIONS
   SONET OC-192 and SDH STM-64 optical transceivers
   10 Gb Fibre Channel transceivers
   10 Gb Ethernet optical transceivers
   SFP+/XFP/X2/XENPAK/XPAK/MSA 300 optical modules




Similar Part No. - ADN2526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
ADN2525ACPZ-R2 AD-ADN2525ACPZ-R2 Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
ADN2525ACPZ-REEL7 AD-ADN2525ACPZ-REEL7 Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
ADN2525ACPZ-WP AD-ADN2525ACPZ-WP Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
More results


Similar Description - ADN2526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
11.3 Gbps Laser Diode Driver
logo
Analog Devices
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
11.3 Gbps Low-Power Laser Diode Driver
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
11.3 Gbps Differential VCSEL Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com