Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIM1314-9L Datasheet (PDF) - Toshiba Semiconductor

TIM1314-9L Datasheet PDF - Toshiba Semiconductor
Part # TIM1314-9L
Download  TIM1314-9L Download
File Size   204.09 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IM3(Min.)=−25dBc at Po=33dBm Single Carrier Level

TIM1314-9L Datasheet (PDF)

Go To PDF Page Download Datasheet
TIM1314-9L Datasheet PDF - Toshiba Semiconductor

Part # TIM1314-9L
Download  TIM1314-9L Click to download

File Size   204.09 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IM3(Min.)=−25dBc at Po=33dBm Single Carrier Level

TIM1314-9L Datasheet (HTML) - Toshiba Semiconductor




Similar Part No. - TIM1314-9L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM1314-15UL TOSHIBA-TIM1314-15UL Datasheet
325Kb / 8P
MICROWAVE POWER GaAs FET
2019
TIM1314-30L TOSHIBA-TIM1314-30L Datasheet
41Kb / 2P
MICROWAVE POWER GaAs FET
TIM1314-30L TOSHIBA-TIM1314-30L_09 Datasheet
112Kb / 2P
HIGH POWER P1dB=45.0dBm at 13.75GHz to 14.5GHz
TIM1314-8UL TOSHIBA-TIM1314-8UL Datasheet
481Kb / 6P
MICROWAVE POWER GaAs FET
2017
More results


Similar Description - TIM1314-9L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM3742-8SL-341 TOSHIBA-TIM3742-8SL-341 Datasheet
255Kb / 4P
IM3=-45 dBc at Pout= 28.5dBm Single Carrier Level
TIM3742-30SL TOSHIBA-TIM3742-30SL_07 Datasheet
194Kb / 4P
IM3=-45 dBc at Po= 34.5 dBm, Single Carrier Level
TIM5964-80SL TOSHIBA-TIM5964-80SL_08 Datasheet
164Kb / 4P
IM3=-30 dBc at Pout= 42.0dBm Single Carrier Level
TIM7179-60SL TOSHIBA-TIM7179-60SL Datasheet
160Kb / 4P
IM3=-45 dBc at Pout= 36.5dBm Single Carrier Level
TIM5964-60SL TOSHIBA-TIM5964-60SL_08 Datasheet
158Kb / 4P
IM3=-45 dBc at Pout= 36.5dBm Single Carrier Level
TIM7785-60SL TOSHIBA-TIM7785-60SL_08 Datasheet
156Kb / 4P
IM3=-45 dBc at Pout= 36.5dBm Single Carrier Level
TIM5359-80SL TOSHIBA-TIM5359-80SL Datasheet
46Kb / 2P
IM3=-30 dBc at Pout= 42.0dBm Single Carrier Level
TIM5964-16SL-422 TOSHIBA-TIM5964-16SL-422 Datasheet
162Kb / 4P
IM3=-45 dBc at Pout= 31.5dBm G1dB=8.0dB(min) at 5.85GHz to 6.75GHz
logo
Mallory Sonalert Produc...
PT-3529FPQ MSPI-PT-3529FPQ Datasheet
86Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
PS-521Q MSPI-PS-521Q Datasheet
209Kb / 1P
Sound Pressure Level Min. (dB) 105 at 100cm at Rated Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com