Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8215-6000 Datasheet (PDF) - 3M Electronics

8215-6000 Datasheet PDF - 3M Electronics
Part # 8215-6000
Download  8215-6000 Download
File Size   800.9 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M D Sub Plug Plug Connector

8215-6000 Datasheet (PDF)

Go To PDF Page Download Datasheet
8215-6000 Datasheet PDF - 3M Electronics

Part # 8215-6000
Download  8215-6000 Click to download

File Size   800.9 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M D Sub Plug Plug Connector

8215-6000 Datasheet (HTML) - 3M Electronics


8215-6000 Product details

Features
■ Available in either open or closed end cover
■ Available with dimples to aid in EMI/ESD protection
■ Improved metal strain relief hooks directly to metal
■ shell
■ Low profi le
■ Four mounting options
■ RoHS Compliant. See the Regulatory Information Appendix (RIA) in the "RoHS Compliance" section of www.3Mconnector.com for compliance information (RIA E1 and C1 apply). Date Modifi ed: February 15, 2010 TS-0234-D Sheet 1 of 3 Physical Insulation: Material: Glass Filled Polyester (PBT) Flammability: UL 94V-0 Color: Gray Contact: Material: Copper Alloy Plating: Underplating: 100 µ" [ 2.54 µm ] Nickel Wiping Area: 30 µ" [ 0.76 µm ] Gold Shell Material: Steel Plating: Tin Strain Relief Material: Stainless Steel .016 [ 0.40 ] Thick Wire Accommodation: 26 and 28 AWG Solid or Stranded




Similar Part No. - 8215-6000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8215-6000 3M-8215-6000 Datasheet
501Kb / 4P
3M D Sub Plug
07-Feb-2005
More results


Similar Description - 8215-6000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
3M D Ribbon Wiremount Plug
09-Mar-2005
8209-6000 3M-8209-6000 Datasheet
501Kb / 4P
3M D Sub Plug
07-Feb-2005
89809-8000 3M-89809-8000 Datasheet
37Kb / 3P
D Sub Plug Connector
23-Sep-1999
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
3M™ D Ribbon Wiremount Plug
09-Jan-2007
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
3M™ D Ribbon Wiremount Plug
09-Jan-2007
logo
Winchester Electronics ...
RM13W6P-1015 WINCHESTER-RM13W6P-1015 Datasheet
138Kb / 1P
D-SUB PLUG CONNECTOR
RM13W6P-1016 WINCHESTER-RM13W6P-1016 Datasheet
134Kb / 1P
D-SUB PLUG CONNECTOR
RM13W6P-1017 WINCHESTER-RM13W6P-1017 Datasheet
136Kb / 1P
D-SUB PLUG CONNECTOR
RM21WA4P-1028 WINCHESTER-RM21WA4P-1028 Datasheet
182Kb / 1P
D-SUB PLUG CONNECTOR
logo
Adam Technologies, Inc.
DB25-PJR-24 ADAM-TECH-DB25-PJR-24 Datasheet
87Kb / 1P
D-SUB CONNECTOR PLUG
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com