Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307_1A Datasheet (PDF) - Cadeka Microcircuits LLC.

CDK8307_1A Datasheet PDF - Cadeka Microcircuits LLC.
Part # CDK8307_1A
Download  CDK8307_1A Download
File Size   1704.17 Kbytes
Page   31 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS

CDK8307_1A Datasheet (PDF)

Go To PDF Page Download Datasheet
CDK8307_1A Datasheet PDF - Cadeka Microcircuits LLC.

Part # CDK8307_1A
Download  CDK8307_1A Click to download

File Size   1704.17 Kbytes
Page   31 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS

CDK8307_1A Datasheet (HTML) - Cadeka Microcircuits LLC.




Similar Part No. - CDK8307_1A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307AILP64 CADEKA-CDK8307AILP64 Datasheet
1Mb / 29P
12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307AILP64 EXAR-CDK8307AILP64 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Cadeka Microcircuits LL...
CDK8307AILP64B2 CADEKA-CDK8307AILP64B2 Datasheet
1Mb / 29P
12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307AITQ80 CADEKA-CDK8307AITQ80 Datasheet
1Mb / 29P
12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307AITQ80 EXAR-CDK8307AITQ80 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results


Similar Description - CDK8307_1A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK8307 CADEKA-CDK8307 Datasheet
1Mb / 29P
12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Linear Technology
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK8307 EXAR-CDK8307 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com