Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985XX Datasheet (PDF) - STMicroelectronics

LDS3985XX Datasheet PDF - STMicroelectronics
Part # LDS3985XX
Download  LDS3985XX Download
File Size   462.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor

LDS3985XX Datasheet (PDF)

Go To PDF Page Download Datasheet
LDS3985XX Datasheet PDF - STMicroelectronics

Part # LDS3985XX
Download  LDS3985XX Click to download

File Size   462.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor

LDS3985XX Datasheet (HTML) - STMicroelectronics


LDS3985XX Product details

Description
The LDS3985xx provides up to 300 mA, from 2.5 V to 6 V input voltage. It is stable with ceramic and high quality tantalum capacitor. The ultra low drop voltage, low quiescent current and low noise makes it suitable for low power applications and in battery powered systems. Regulator ground current increases only slightly in dropout, further prolonging the battery life. Shutdown logic control function is available, this means that when the device is used as local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. Typical applications are in mobile phone and similar battery powered wireless systems, portable information appliances.

Features
■ Input voltage from 2.5 V to 6 V
■ Stable with low ESR ceramic capacitors
■ Ultra low dropout voltage (150 mV typ. at 300
   mA load, 0.4 mV typ. at 1 mA load)
■ Very low quiescent current (85 µA typ. at no
   load, 200 µA typ. at 300 mA load; max 1.5 µA in off mode)
■ Guaranteed output current up to 300 mA
■ Wide range of output voltage:
   – from 1.25 V to 5.0 V
■ Fast turn-on time: typ. 240 µs
   – [CO = 2.2 µF, CBYP = 33 nF and IO = 1 mA]
■ Logic-controlled electronic shutdown
■ Internal current and thermal limit
■ Output low noise voltage 30 µVRMS over 10 Hz to 100 kHz
■ SVR of 55 dB at 1 kHz, 50 dB at 10 kHz
■ Temperature range: - 40 °C to 125 °C




Similar Part No. - LDS3985XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
LDS3985M125R STMICROELECTRONICS-LDS3985M125R Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
LDS3985M135R STMICROELECTRONICS-LDS3985M135R Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
LDS3985M15R STMICROELECTRONICS-LDS3985M15R Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
LDS3985M18R STMICROELECTRONICS-LDS3985M18R Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
More results


Similar Description - LDS3985XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
22-Sep-2005
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
logo
National Semiconductor ...
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com