Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138 Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

BSS138 Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # BSS138
Download  BSS138 Download
File Size   289.27 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

BSS138 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138 Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # BSS138
Download  BSS138 Click to download

File Size   289.27 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

BSS138 Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


BSS138 Product details

GENERAL FEATURES
● VDS = 50V,ID = 0.22A
   RDS(ON) < 3Ω @ VGS=4.5V
   RDS(ON) < 2Ω @ VGS=10V
● Lead free product is acquired
● Surface Mount Package

Application
● Direct Logic-Level Interface: TTL/CMOS
● Drivers: Relays, Solenoids, Lamps, Hammers,Display, Memories, Transistors, etc.
● Battery Operated Systems
● Solid-State Relays




Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS138 FAIRCHILD-BSS138 Datasheet
125Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS138 CET-BSS138 Datasheet
481Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS138 DIODES-BSS138 Datasheet
92Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30144 Rev. 6 - 2
More results


Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com