Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9746 Datasheet (PDF) - Maxim Integrated Products

MAX9746 Datasheet PDF - Maxim Integrated Products
Part # MAX9746
Download  MAX9746 Download
File Size   343.83 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2W, Low-EMI, Filterless, Class D Audio Amplifier

MAX9746 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9746 Datasheet PDF - Maxim Integrated Products

Part # MAX9746
Download  MAX9746 Click to download

File Size   343.83 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2W, Low-EMI, Filterless, Class D Audio Amplifier

MAX9746 Datasheet (HTML) - Maxim Integrated Products


MAX9746 Product details

General Description
The MAX9746 mono Class D audio power amplifier provides Class AB amplifier performance with Class D efficiency, conserving board space and extending battery life. The MAX9746 is designed specifically for systems using 1.8V logic interface. Using a Class D architecture, the MAX9746 delivers 1.2W into an 8Ω load while offering efficiencies near 90%. A low-EMI modulation scheme renders the traditional Class D output filter unnecessary.

Features
♦ Filterless Amplifier Passes FCC Radiated Emissions Standards with 100mm of Cable
♦ Unique Spread-Spectrum Mode Offers 5dB Emissions Improvement Over Conventional Methods
♦ Optional External SYNC Input
♦ Simple Master-Slave Setup for Stereo Operation
♦ 88% Efficiency
♦ 1.2W into 8Ω
♦ Low 0.1% THD+N
♦ High PSRR (72dB at 217Hz)
♦ Integrated Click-and-Pop Suppression
♦ 1.8V Logic-Compatible
♦ Low Quiescent Current (4mA)
♦ Low-Power Shutdown Mode (0.1µA)
♦ Short-Circuit and Thermal-Overload Protection
♦ Available in Thermally Efficient, Space-Saving 12-Bump UCSP Package (1.5mm x 2mm x 0.6mm)

Applications
    Cellular Phones
    PDAs
    MP3 Players
    Portable Audio




Similar Part No. - MAX9746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741 MAXIM-MAX9741 Datasheet
1Mb / 16P
12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
logo
Analog Devices
MAX9741 AD-MAX9741 Datasheet
1Mb / 16P
12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0 2/06
logo
Maxim Integrated Produc...
MAX9741ETN MAXIM-MAX9741ETN Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741ETN+ MAXIM-MAX9741ETN+ Datasheet
1Mb / 16P
12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
More results


Similar Description - MAX9746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com