Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPH6001 Datasheet (PDF) - Sanyo Semicon Device

CPH6001 Datasheet PDF - Sanyo Semicon Device
Part # CPH6001
Download  CPH6001 Download
File Size   47.23 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifier Applications

CPH6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH6001 Datasheet PDF - Sanyo Semicon Device

Part # CPH6001
Download  CPH6001 Click to download

File Size   47.23 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifier Applications

CPH6001 Datasheet (HTML) - Sanyo Semicon Device


CPH6001 Product details

Features
• High gain : |S21e|2=11dB typ (f=1GHz).
• High cutoff frequency : fT=6.7GHz typ.
• Small and slim 6-pin package.
• Large allowable collector dissipation (800mW max).




Similar Part No. - CPH6001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6001A SANYO-CPH6001A Datasheet
58Kb / 6P
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications
CPH6001A SANYO-CPH6001A Datasheet
495Kb / 8P
High-Frequency Low-Noise Amplifier Applications
logo
ON Semiconductor
CPH6001A ONSEMI-CPH6001A Datasheet
487Kb / 8P
RF Transistor
August, 2013
CPH6001A-TL-E ONSEMI-CPH6001A-TL-E Datasheet
487Kb / 8P
RF Transistor
August, 2013
logo
Sanyo Semicon Device
CPH6001A SANYO-CPH6001A_12 Datasheet
495Kb / 8P
High-Frequency Low-Noise Amplifier Applications
More results


Similar Description - CPH6001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5414 SANYO-2SC5414 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5415 SANYO-2SC5415 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5502 SANYO-2SC5502 Datasheet
48Kb / 6P
High-Frequency Low-Noise Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
2SC5415A SANYO-2SC5415A Datasheet
98Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5414A SANYO-2SC5414A Datasheet
54Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5415A SANYO-2SC5415A_12 Datasheet
398Kb / 8P
High-Frequency Low-Noise Amplifier Applications
CPH6001A SANYO-CPH6001A_12 Datasheet
495Kb / 8P
High-Frequency Low-Noise Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com