Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55B2V4 Datasheet (PDF) - EIC discrete Semiconductors

BZX55B2V4 Datasheet PDF - EIC discrete Semiconductors
Part # BZX55B2V4
Download  BZX55B2V4 Download
File Size   41.96 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description SILICON ZENER DIODES

BZX55B2V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55B2V4 Datasheet PDF - EIC discrete Semiconductors

Part # BZX55B2V4
Download  BZX55B2V4 Click to download

File Size   41.96 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description SILICON ZENER DIODES

BZX55B2V4 Datasheet (HTML) - EIC discrete Semiconductors


BZX55B2V4 Product details

FEATURES :
* Complete 2.0 to 100 Volts
* High surge current capability
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Zener Voltage tolerance is ± 2%
* Pb / RoHS Free




Similar Part No. - BZX55B2V4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZX55B2V4 VISHAY-BZX55B2V4 Datasheet
103Kb / 7P
Small Signal Zener Diodes
25-Nov-11
logo
Yea Shin Technology Co....
BZX55B2V4 YEASHIN-BZX55B2V4 Datasheet
125Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZX55B2V4 VISHAY-BZX55B2V4 Datasheet
101Kb / 7P
Small Signal Zener Diodes
25-Nov-11
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4 Datasheet
228Kb / 5P
2% Tolerance Zener Diode
More results


Similar Description - BZX55B2V4

ManufacturerPart #DatasheetDescription
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
SILICON ZENER DIODES
RD4.7JS EIC-RD4.7JS Datasheet
39Kb / 3P
SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
Zener silicon diodes
logo
EIC discrete Semiconduc...
MZ55B3V0 EIC-MZ55B3V0 Datasheet
156Kb / 2P
SILICON ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com