Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLCFL5E Datasheet (PDF) - International Rectifier

IRPLCFL5E Datasheet PDF - International Rectifier
Part # IRPLCFL5E
Download  IRPLCFL5E Download
File Size   255.15 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CFL Ballast for 26W/Spiral Lamp, 220VAC Input

IRPLCFL5E Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPLCFL5E Datasheet PDF - International Rectifier

Part # IRPLCFL5E
Download  IRPLCFL5E Click to download

File Size   255.15 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CFL Ballast for 26W/Spiral Lamp, 220VAC Input

IRPLCFL5E Datasheet (HTML) - International Rectifier




Similar Part No. - IRPLCFL5E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 120VAC Input
More results


Similar Description - IRPLCFL5E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
Resonant Lamp Ballast Controller
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
Ballast Control IC for Compact Fluorescent Lamp
logo
International Rectifier
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 120VAC Input
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
Ballast Control IC for Compact Fluorescent Lamp
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
Sep-2003
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
20 W dimmable CFL ballast solution
08-Oct-2007
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com