Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5150 Datasheet (PDF) - Infineon Technologies AG

TDA5150 Datasheet PDF - Infineon Technologies AG
Part # TDA5150
Download  TDA5150 Download
File Size   3689.74 Kbytes
Page   106 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options

TDA5150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5150 Datasheet PDF - Infineon Technologies AG

Part # TDA5150
Download  TDA5150 Click to download

File Size   3689.74 Kbytes
Page   106 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options

TDA5150 Datasheet (HTML) - Infineon Technologies AG


TDA5150 Product details

Overview
The TDA 5150 is a low cost and easy to implement, multi-channel ASK/FSK/GFSK RF transmitter for the 300-320 MHz, 425-450 MHz, 863 - 928 MHz frequency bands with low power consumption and RF-output power of up to +10 dBm.
The IC offers a high level of integration and needs only a few external components, such as a crystal, blocking capacitors and the necessary matching elements between the
power amplifier output and the antenna.
On-chip antenna tuning capacitors are implemented.
An integrated high-resolution sigma-delta fractional-N PLL synthesizer covers all of the above listed frequency bands, using the same crystal for reference frequency generation.
The configurable digital modulator allows precise FSK modulation and Gaussian shaping (GFSK), which contributes to reduction of occupied bandwidth.
The output power of the integrated class-C RF power amplifier can be controlled over the SPI bus and if necessary, downsized (reduced) in digital steps.
ASK shaping option contributes to reduced harmonics and minimized spectral splatter.
The data encoder supports NRZ, Manchester, Bi-Phase, and Miller encoding.
The device is fully configureable via the 3-wire Serial Peripheral Interface (SPI).

Features
• High resolution Sigma-Delta fractional-N PLL synthesizer (frequency step size down to 7 Hz)
• Multiband/Multichannel capability for the 300-320 MHz, 425-450 MHz and 863-928 MHz bands
• Modulation types ASK (OOK) with ASK shaping, FSK (CPFSK) and GFSK
• Multi-channel and channel hopping capability, 4 register banks for fast Tx frequency switching
• Configurable via 3-wire serial interface bus (SPI)
• Manchester, Bi-Phase, and Miller encoding, on-chip PRBS9 scrambler
• Continuos checking of chip status by Fail-Safe mechanism
• Transparent and synchronized RF modulation mode
• Programmable clock divider output
• Configurable output power level from -10 dBm to +10 dbm, in 2 dB nominal steps
• Supply voltage range 1.9 V - 3.6 V, 2 low battery detection thresholds, preset to 2.4V and 2.1V
• Low supply current (Sleep Mode < 0.8 µA, RF transmission 9 mA @ +5 dBm)
• ESD protection up to +/- 4 kV on all pins
• Operating temperature range -40°C to +85°C
• Green Package TSSOP-10

Applications
• Short range wireless data transmission
• Remote keyless entry transmitters
• Remote control units
• Wireless alarm systems
• Remote metering
• Garage door openers




Similar Part No. - TDA5150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153AG PHILIPS-TDA5153AG Datasheet
128Kb / 28P
Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153BG PHILIPS-TDA5153BG Datasheet
128Kb / 28P
Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153X PHILIPS-TDA5153X Datasheet
128Kb / 28P
Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
More results


Similar Description - TDA5150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
logo
RF Micro Devices
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
logo
Analog Devices
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com