Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS3010A Datasheet (PDF) - Infineon Technologies AG

BAS3010A Datasheet PDF - Infineon Technologies AG
Part # BAS3010A
Download  BAS3010A Download
File Size   122.96 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Medium Power AF Schottky Diode

BAS3010A Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS3010A Datasheet PDF - Infineon Technologies AG

Part # BAS3010A
Download  BAS3010A Click to download

File Size   122.96 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Medium Power AF Schottky Diode

BAS3010A Datasheet (HTML) - Infineon Technologies AG


BAS3010A Product details

Medium Power AF Schottky Diode

• Forward current: 1 A
• Reverse voltage: 30 V
• Very low forward voltage
   (typ. 0.41V @ IF = 1A)
• For high efficiency DC/DC conversion,
   fast switching, protection and
   clamping applications
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101




Similar Part No. - BAS3010A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS3010A INFINEON-BAS3010A Datasheet
268Kb / 2P
Sense2GoL pulse development kit
12 / 2019
BAS3010A-03W INFINEON-BAS3010A-03W Datasheet
122Kb / 6P
Medium Power AF Schottky Diode
2007-04-10
BAS3010A-03W INFINEON-BAS3010A-03W Datasheet
122Kb / 6P
For high efficiency DC/DC conversion fast switching, protection and clamping applications
2007-04-10
BAS3010A-03W INFINEON-BAS3010A-03W Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
BAS3010A-03W INFINEON-BAS3010A-03W Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
More results


Similar Description - BAS3010A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N5810 MICRO-ELECTRONICS-2N5810 Datasheet
162Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTOR
2N5820 MICRO-ELECTRONICS-2N5820 Datasheet
138Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTORS
BC327 MICRO-ELECTRONICS-BC327 Datasheet
130Kb / 2P
PNP SILICON AF MEDIUM POWER TRANSISTOR
BC527 MICRO-ELECTRONICS-BC527 Datasheet
129Kb / 2P
PNP SILICON AF MEDIUM POWER TRANSISTORS
BC737 MICRO-ELECTRONICS-BC737 Datasheet
141Kb / 2P
NPN SILICON AF MEDIUM POWER TRANSISTORS
logo
Infineon Technologies A...
BAS3005B INFINEON-BAS3005B Datasheet
67Kb / 7P
Medium Power AF Schottky Diode
2007-04-19
BAS3010B INFINEON-BAS3010B Datasheet
63Kb / 6P
Medium Power AF Schottky Diode
2007-04-19
BAT165 INFINEON-BAT165_07 Datasheet
69Kb / 6P
Medium Power AF Schottky Diode
2007-04-19
BAS3010A-03W INFINEON-BAS3010A-03W Datasheet
122Kb / 6P
Medium Power AF Schottky Diode
2007-04-10
BAS3005B-02LRH INFINEON-BAS3005B-02LRH Datasheet
856Kb / 8P
Medium Power AF Schottky Diode
2012-07-02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com