Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBA100 Datasheet (PDF) - Sanyo Semicon Device

DBA100 Datasheet PDF - Sanyo Semicon Device
Part # DBA100
Download  DBA100 Download
File Size   42.97 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 10.0A Single-Phase Bridge Rectifier

DBA100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBA100 Datasheet PDF - Sanyo Semicon Device

Part # DBA100
Download  DBA100 Click to download

File Size   42.97 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 10.0A Single-Phase Bridge Rectifier

DBA100 Datasheet (HTML) - Sanyo Semicon Device


DBA100 Product details

Features
• Plastic molded structure.
• Glass passivation for high reliability.
• Peak reverse voltage:VRM=200, 600V.
• Average rectified current:IO=10.0A.




Similar Part No. - DBA100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DBA100G ONSEMI-DBA100G Datasheet
290Kb / 2P
10.0A Single-Phase Bridge Rectifier
October, 2013
logo
SanRex Corporation
DBA100UA40 SANREX-DBA100UA40 Datasheet
115Kb / 2P
Fast & Soft Recovery Diode
DBA100UA60 SANREX-DBA100UA60 Datasheet
120Kb / 2P
Fast & Soft Recovery Diode
More results


Similar Description - DBA100

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB1005M TAITRON-TB1005M Datasheet
168Kb / 4P
10.0A Single-Phase Silicon Bridge Rectifier
logo
Gulf Semiconductor
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GBU10A GULFSEMI-GBU10A Datasheet
99Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
KBPC10005 GULFSEMI-KBPC10005 Datasheet
3Mb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:10.0A
logo
ON Semiconductor
DBA100G ONSEMI-DBA100G Datasheet
290Kb / 2P
10.0A Single-Phase Bridge Rectifier
October, 2013
EN651 ONSEMI-EN651 Datasheet
290Kb / 2P
10.0A Single-Phase Bridge Rectifier
October, 2013
logo
Sangdest Microelectroni...
GBJ10005 SMC-GBJ10005 Datasheet
127Kb / 4P
Single-Phase 10.0A Glass Passivated Bridge Rectifier
GBU10005 SMC-GBU10005 Datasheet
130Kb / 4P
Single-Phase 10.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ10005 SMCDIODE-GBJ10005 Datasheet
341Kb / 5P
Single-Phase 10.0A Glass Passivated Bridge Rectifier
Rev. A
GBU10005 SMCDIODE-GBU10005 Datasheet
310Kb / 5P
Single-Phase 10.0A Glass Passivated Bridge Rectifier
Rev. B
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com