Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD10 Datasheet (PDF) - Sanyo Semicon Device

DBD10 Datasheet PDF - Sanyo Semicon Device
Part # DBD10
Download  DBD10 Download
File Size   20.4 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Single-Phase Bridge Rectifier

DBD10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBD10 Datasheet PDF - Sanyo Semicon Device

Part # DBD10
Download  DBD10 Click to download

File Size   20.4 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Single-Phase Bridge Rectifier

DBD10 Datasheet (HTML) - Sanyo Semicon Device


DBD10 Product details

Features
• Plastic molded structure.
• Peak reverse voltage : VRM=200V, 600V.
• Average rectified current : IO=1.0A.




Similar Part No. - DBD10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-E ONSEMI-DBD10G-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-E ONSEMI-DBD10G-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-TM-E ONSEMI-DBD10G-TM-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-TM-E ONSEMI-DBD10G-TM-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
More results


Similar Description - DBD10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA10 SANYO-DBA10 Datasheet
36Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
1.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C1000 WTE-B40C1000_06 Datasheet
46Kb / 4P
1.0A SINGLE-PHASE BRIDGE RECTIFIER
DF005 WTE-DF005_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF10 SANYO-DBF10_09 Datasheet
45Kb / 3P
1.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
EN7030 ONSEMI-EN7030 Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
1.0A BRIDGE RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com