Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR400W Datasheet (PDF) - Infineon Technologies AG

BCR400W Datasheet PDF - Infineon Technologies AG
Part # BCR400W
Download  BCR400W Download
File Size   174.23 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Active Bias Controller

BCR400W Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR400W Datasheet PDF - Infineon Technologies AG

Part # BCR400W
Download  BCR400W Click to download

File Size   174.23 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Active Bias Controller

BCR400W Datasheet (HTML) - Infineon Technologies AG


BCR400W Product details

Active Bias Controller



Characteristics

• Supplies stable bias current even at low battery voltage and extreme ambient temperature variation

• Low voltage drop of 0.7V



Application notes

• Stabilizing bias current of NPN transistors and FETs from less than 0.2mA up to more than 200mA

• Ideal supplement for Sieget and other transistors

• also usable as current source up to 5mA

• Pb-free (RoHS compliant) package1)

• Qualified according AEC Q101




Similar Part No. - BCR400W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR400W SIEMENS-BCR400W Datasheet
93Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
94Kb / 3P
Application Considerations for the Integrated Bias Control Circuits
2000-07-27
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
More results


Similar Description - BCR400W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
Active Bias Controller
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
ACTIVE BIAS CONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com