Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR405U Datasheet (PDF) - Infineon Technologies AG

BCR405U Datasheet PDF - Infineon Technologies AG
Part # BCR405U
Download  BCR405U Download
File Size   124.0 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver

BCR405U Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR405U Datasheet PDF - Infineon Technologies AG

Part # BCR405U
Download  BCR405U Click to download

File Size   124.0 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver

BCR405U Datasheet (HTML) - Infineon Technologies AG


BCR405U Product details

General Description

The BCR405U is a cost efficient LED driver to drive low power LED’s. The advantages towards resistor biasing are:



• homogenous light output despite varying forward voltages in different LED strings

• homogenous light output of LED’s despite voltage drop across long supply lines

• homogenous light output independent from supply voltage variations

• longer lifetime of the LED’s due to reduced output current at higher temperatures

   (negative thermal coefficient)



The advantages towards discrete solutions are:

• lower assembly cost

• smaller form factor

• better quality due to less soldering points

• higher output current accuracy due to pretested LED drivers Dimming is possible by using an external digital transistor at the ground pin.



The BCR405U can be operated at higher supply voltages by putting LED’s between the power supply +VS and the power supply pin of the LED driver. You can find further details in the application note AN097.

The BCR405U is a perfect fit for numerous low power LED applications by combining small form factor with low cost. These LED drivers offer several advantages to resistors like significantly higher current control at very low voltage drop ensuring high lifetime of LED’s.



Features

• LED drive current of 50mA

• Output current adjustable up to 65mA with external resistor

• Supply voltage up to 40V

• Easy paralleling of drivers to increase current

• Low voltage overhead of 1.4V

• High current accuracy at supply voltage variation

• No EMI

• High power dissipation of 750mW

• Reduced output current at higher temperatures - Negative thermal coefficient of -0.2% / K

• RoHS compliant (pb-free) small and robust SC-74 package

• Qualified according to AEC Q101



Applications

• Channel letters for advertising, LED strips for decorative lighting

• Aircraft, train, ship illumination

• Retrofits for general lighting, white goods like refrigerator lighting

• Medical lighting

• Automotive applications like CHMSL and rear combination lights



 




Similar Part No. - BCR405U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR405U INFINEON-BCR405U Datasheet
197Kb / 8P
Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
logo
Diodes Incorporated
BCR405UW6 DIODES-BCR405UW6 Datasheet
406Kb / 7P
50 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
Rev 1
BCR405UW6 DIODES-BCR405UW6 Datasheet
456Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR405UW6Q DIODES-BCR405UW6Q Datasheet
674Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
BCR405UW6Q-7 DIODES-BCR405UW6Q-7 Datasheet
674Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
More results


Similar Description - BCR405U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com