Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF250 Datasheet (PDF) - Sanyo Semicon Device

DBF250 Datasheet PDF - Sanyo Semicon Device
Part # DBF250
Download  DBF250 Download
File Size   21.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 25A Single-Phase Bridge Rectifier

DBF250 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBF250 Datasheet PDF - Sanyo Semicon Device

Part # DBF250
Download  DBF250 Click to download

File Size   21.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 25A Single-Phase Bridge Rectifier

DBF250 Datasheet (HTML) - Sanyo Semicon Device


DBF250 Product details

Features
• Glass passivation for high reliability.
• Plastic molded structure.
• Peak reverse voltage : VRM=200, 600V.
• Average rectified current : IO=25A.




Similar Part No. - DBF250

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
47Kb / 3P
25A Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
DBF2505 ZSELEC-DBF2505 Datasheet
162Kb / 2P
2.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
25A Single-Phase Bridge Rectifier
More results


Similar Description - DBF250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A_06 Datasheet
76Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25P WTE-KBPC25P Datasheet
55Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
25A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ25 NELLSEMI-KBJ25 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 25A
KBPC25 NELLSEMI-KBPC25 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 25A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com