Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

025N03MS Datasheet (PDF) - Infineon Technologies AG

025N03MS Datasheet PDF - Infineon Technologies AG
Part # 025N03MS
Download  025N03MS Download
File Size   298.6 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS?? M-Series Power-MOSFET

025N03MS Datasheet (PDF)

Go To PDF Page Download Datasheet
025N03MS Datasheet PDF - Infineon Technologies AG

Part # 025N03MS
Download  025N03MS Click to download

File Size   298.6 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS?? M-Series Power-MOSFET

025N03MS Datasheet (HTML) - Infineon Technologies AG


025N03MS Product details

Features
• Optimized for 5V driver application (Notebook, VGA, POL)
• Low FOMSW for High Frequency SMPS
• 100% avalanche tested
• N-channel
• Very low on-resistance R DS(on) @ V GS=4.5 V
• Excellent gate charge x R DS(on) product (FOM)
• Qualified according to JEDEC1) for target applications
• Superior thermal resistance
• Pb-free plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - 025N03MS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
025N03LS INFINEON-025N03LS Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
More results


Similar Description - 025N03MS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC030N03MSG INFINEON-BSC030N03MSG Datasheet
298Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.16 2009-10-22
BSC080N03MSG INFINEON-BSC080N03MSG Datasheet
299Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev.1.15 2009-11-03
BSO038N03MSCG INFINEON-BSO038N03MSCG Datasheet
334Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSO083N03MSG INFINEON-BSO083N03MSG Datasheet
318Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSO220N03MDG INFINEON-BSO220N03MDG Datasheet
306Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSZ130N03MSG INFINEON-BSZ130N03MSG Datasheet
334Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.0 2010-03-23
BSZ050N03MSG INFINEON-BSZ050N03MSG Datasheet
501Kb / 9P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.7 2009-11-05
BSC090N03MSG INFINEON-BSC090N03MSG_13 Datasheet
530Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
BSC057N03MSG INFINEON-BSC057N03MSG_13 Datasheet
531Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
BSC050N03MSG INFINEON-BSC050N03MSG_13 Datasheet
530Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com